Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MWPR1124ZVHT Datasheet(PDF) 29 Page - NXP Semiconductors

Part # MWPR1124ZVHT
Description  Wireless Power Receiver with Integrated Bluetooth짰 Low Energy Radio
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWPR1124ZVHT Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button MWPR1124ZVHT Datasheet HTML 25Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 26Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 27Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 28Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 29Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 30Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 31Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 32Page - NXP Semiconductors MWPR1124ZVHT Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 86 page
background image
1. Biasing is disabled, but the flash is in a low power mode for VLPx, so this configuration can realize some power
savings over use of Run/Wait/Stop
7 MCU Electrical Characteristics
7.1 AC electrical characteristics
Unless otherwise specified, propagation delays are measured from the 50% to the 50%
point, and rise and fall times are measured at the 20% and 80% points, as shown in the
following figure.
80%
20%
50%
VIL
Input Signal
VIH
Fall Time
High
Low
Rise Time
Midpoint1
The midpoint is VIL + (VIH - VIL) / 2
Figure 3. Input signal measurement reference
All digital I/O switching characteristics, unless otherwise specified, assume that the
output pins have the following characteristics.
• CL=30 pF loads
• Slew rate disabled
• Normal drive strength
7.2 Nonswitching electrical specifications
7.2.1 Voltage and current operating requirements
Table 9. Voltage and current operating requirements
Symbol
Description
Min.
Max.
Unit
Notes
VDD
Supply voltage
1.71
3.6
V
VDDA
Analog supply voltage
1.71
3.6
V
Table continues on the next page...
MCU Electrical Characteristics
MWPR1124ZVHT/MWPR1024IZVHT Data Sheet, Rev. 0, 04/2018
29
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com