Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1606ACPZN1.8-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP1606ACPZN1.8-R7
Description  2 MHz, Synchronous Boost DC-to-DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1606ACPZN1.8-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP1606ACPZN1.8-R7 Datasheet HTML 1Page - Analog Devices ADP1606ACPZN1.8-R7 Datasheet HTML 2Page - Analog Devices ADP1606ACPZN1.8-R7 Datasheet HTML 3Page - Analog Devices ADP1606ACPZN1.8-R7 Datasheet HTML 4Page - Analog Devices ADP1606ACPZN1.8-R7 Datasheet HTML 5Page - Analog Devices ADP1606ACPZN1.8-R7 Datasheet HTML 6Page - Analog Devices ADP1606ACPZN1.8-R7 Datasheet HTML 7Page - Analog Devices ADP1606ACPZN1.8-R7 Datasheet HTML 8Page - Analog Devices ADP1606ACPZN1.8-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
ADP1606/ADP1607
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
3
MODE
1
VIN
2
EN
4 GND
7
EPAD
6 VOUT
5 SW
ADP1606
TOP VIEW
(Not to Scale)
NOTES
1. CONNECT THE EXPOSED PAD TO GND.
Figure 3. ADP1606 Pin Configuration
3
FB
1
VIN
2
EN
4 GND
7
EPAD
6 VOUT
5 SW
ADP1607
TOP VIEW
(Not to Scale)
NOTES
1. CONNECT THE EXPOSED PAD TO GND.
Figure 4. ADP1607 Pin Configuration
Table 4. ADP1606 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VIN
Analog and Power Supply Pin.
2
EN
Shutdown Control Pin. Drive EN high to turn on the synchronous boost; drive EN low to turn it off.
3
MODE
Mode Select Pin. This pin toggles between auto mode (automatic transitioning between PFM and PWM mode)
and fixed PWM mode. Set MODE low to allow the device to operate in auto mode. Pull MODE high to force the
device to operate in PWM mode. The voltage applied to MODE cannot be higher than the voltage applied to VIN.
Do not leave this pin floating.
4
GND
Analog and Power Ground Pin.
5
SW
Drain Connection for NMOS and PMOS Power Switches.
6
VOUT
Output Voltage and Source Connection of PMOS Power Switch.
7
EPAD
Exposed Pad. Connect to GND.
Table 5. ADP1607 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VIN
Analog and Power Supply Pin.
2
EN
Shutdown Control Pin. Drive EN high to turn on the synchronous boost; drive EN low to turn it off.
3
FB
Output Voltage Feedback Pin.
4
GND
Analog and Power Ground Pin.
5
SW
Drain Connection for NMOS and PMOS Power Switches.
6
VOUT
Output Voltage and Source Connection of PMOS Power Switch.
7
EPAD
Exposed Pad. Connect to GND.
Rev. D | Page 5 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com