Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1606ACPZN1.8-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP1606ACPZN1.8-R7
Description  2 MHz, Synchronous Boost DC-to-DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1606ACPZN1.8-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP1606ACPZN1.8-R7 Datasheet HTML 4Page - Analog Devices ADP1606ACPZN1.8-R7 Datasheet HTML 5Page - Analog Devices ADP1606ACPZN1.8-R7 Datasheet HTML 6Page - Analog Devices ADP1606ACPZN1.8-R7 Datasheet HTML 7Page - Analog Devices ADP1606ACPZN1.8-R7 Datasheet HTML 8Page - Analog Devices ADP1606ACPZN1.8-R7 Datasheet HTML 9Page - Analog Devices ADP1606ACPZN1.8-R7 Datasheet HTML 10Page - Analog Devices ADP1606ACPZN1.8-R7 Datasheet HTML 11Page - Analog Devices ADP1606ACPZN1.8-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADP1606/ADP1607
Data Sheet
88.4
88.0
87.6
87.2
86.8
86.4
1.8
2.3
2.8
3.3
OUTPUT VOLTAGE (V)
TA = –40°C
TA = +25°C
TA = +90°C
Figure 17. Maximum Duty Cycle vs. Output Voltage
2.04
2.02
2.00
1.98
1.96
1.94
–40
–10
20
50
80
TEMPERATURE (°C)
VOUT = 1.8V
VOUT = 3.3V
VOUT = 2.5V
Figure 18. Frequency vs. Temperature
1000
800
600
400
200
900
700
500
300
100
0
0.8
1.3
1.8
2.3
2.8
3.3
INPUT VOLTAGE (V)
VOUT = 1.8 V
VOUT = 2.5V
VOUT = 3.3V
Figure 19. Maximum Output Current vs. Input Voltage
TIME (200µs/DIV)
VIN = 1.2V
VOUT = 3.3V
ILOAD = 1mA TO 50mA
LOAD CURRENT
(50mA/DIV)
OUTPUT VOLTAGE (100mV/DIV)
AC-COUPLED
1
4
Figure 20. PFM Mode Load Transient Response (Auto Mode Part)
TIME (200µs/DIV)
VIN = 1.2V
VOUT = 3.3V
ILOAD = 50mA TO 100mA
LOAD CURRENT
(50mA/DIV)
OUTPUT VOLTAGE (100mV/DIV)
AC-COUPLED
1
4
Figure 21. PWM Mode Load Transient Response (Fixed PWM Mode Part)
TIME (200µs/DIV)
VIN = 1.2V
VOUT = 3.3V
RLOAD = 3.3kΩ
EN PIN VOLTAGE
(1V/DIV)
INDUCTOR
CURRENT
(200mA/DIV)
SW PIN VOLTAGE
(2V/DIV)
OUTPUT VOLTAGE
(1V/DIV)
1
4
3
2
Figure 22. Startup, RLOAD = 3.3 kΩ
Rev. D | Page 8 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com