Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1606ACPZN1.8-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP1606ACPZN1.8-R7
Description  2 MHz, Synchronous Boost DC-to-DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1606ACPZN1.8-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP1606ACPZN1.8-R7 Datasheet HTML 2Page - Analog Devices ADP1606ACPZN1.8-R7 Datasheet HTML 3Page - Analog Devices ADP1606ACPZN1.8-R7 Datasheet HTML 4Page - Analog Devices ADP1606ACPZN1.8-R7 Datasheet HTML 5Page - Analog Devices ADP1606ACPZN1.8-R7 Datasheet HTML 6Page - Analog Devices ADP1606ACPZN1.8-R7 Datasheet HTML 7Page - Analog Devices ADP1606ACPZN1.8-R7 Datasheet HTML 8Page - Analog Devices ADP1606ACPZN1.8-R7 Datasheet HTML 9Page - Analog Devices ADP1606ACPZN1.8-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADP1606/ADP1607
Data Sheet
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 1.2 V, VOUT = 3.3 V, L = 2.2 µH (DCRMAX = 66 mΩ, VLF302512MT-2R2M), CIN = 10 µF, COUT = 10 µF (10 V, 20%,
LMK107BJ106MALTD), VEN = VIN, and TA = 25°C, unless otherwise noted.
100
80
60
40
20
90
70
50
30
10
0
0.1
1
10
100
1000
LOAD CURRENT (mA)
VOUT = 1.8V
VIN = 0.8V
VIN = 1.2V
VIN = 1.5V
Figure 5. ADP1607 Auto Mode Efficiency vs. Load Current, VOUT = 1.8 V
100
80
60
40
20
90
70
50
30
10
0
0.1
1
10
100
1000
LOAD CURRENT (mA)
VOUT = 2.5V
VIN = 0.8V
VIN = 1.2V
VIN = 1.5V
VIN = 2.2V
Figure 6. ADP1607 Auto Mode Efficiency vs. Load Current, VOUT = 2.5 V
100
80
60
40
20
90
70
50
30
10
0
0.1
1
10
100
1000
LOAD CURRENT (mA)
VOUT = 3.3V
VIN = 0.8V
VIN = 1.2V
VIN = 1.5V
VIN = 2.2V
VIN = 3.0V
Figure 7. ADP1607 Auto Mode Efficiency vs. Load Current, VOUT = 3.3 V
0.1
1
10
100
1000
LOAD CURRENT (mA)
VOUT = 1.8V
1.78
1.79
1.80
1.81
1.82
1.83
1.84
VIN = 0.8V
VIN = 1.2V
VIN = 1.5V
Figure 8. ADP1607 Auto Mode Output Voltage Load Regulation, VOUT = 1.8 V
0.1
1
10
100
1000
LOAD CURRENT (mA)
VOUT = 2.5V
2.47
2.48
2.49
2.50
2.51
2.52
2.53
2.54
2.55
2.56
VIN = 0.8V
VIN = 1.2V
VIN = 1.5V
VIN = 2.2V
Figure 9. ADP1607 Auto Mode Output Voltage Load Regulation, VOUT = 2.5 V
0.1
1
10
100
1000
LOAD CURRENT (mA)
VOUT = 3.3V
3.26
3.28
3.30
3.32
3.34
3.36
3.38
3.40
VIN = 0.8V
VIN = 1.2V
VIN = 1.5V
VIN = 2.2V
VIN = 3.0V
Figure 10. ADP1607 Auto Mode Output Voltage Load Regulation,
VOUT = 3.3 V
Rev. D | Page 6 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com