Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1606ACPZN1.8-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP1606ACPZN1.8-R7
Description  2 MHz, Synchronous Boost DC-to-DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1606ACPZN1.8-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP1606ACPZN1.8-R7 Datasheet HTML 8Page - Analog Devices ADP1606ACPZN1.8-R7 Datasheet HTML 9Page - Analog Devices ADP1606ACPZN1.8-R7 Datasheet HTML 10Page - Analog Devices ADP1606ACPZN1.8-R7 Datasheet HTML 11Page - Analog Devices ADP1606ACPZN1.8-R7 Datasheet HTML 12Page - Analog Devices ADP1606ACPZN1.8-R7 Datasheet HTML 13Page - Analog Devices ADP1606ACPZN1.8-R7 Datasheet HTML 14Page - Analog Devices ADP1606ACPZN1.8-R7 Datasheet HTML 15Page - Analog Devices ADP1606ACPZN1.8-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Data Sheet
ADP1606/ADP1607
OUTLINE DIMENSIONS
1.70
1.60
1.50
0.425
0.350
0.275
TOP VIEW
6
1
4
3
0.35
0.30
0.25
BOTTOM VIEW
PIN 1 INDEX
AREA
SEATING
PLANE
0.60
0.55
0.50
1.10
1.00
0.90
0.20 REF
0.05 MAX
0.02 NOM
0.65 BSC
EXPOSED
PAD
PIN 1
INDICATOR
(R 0.15)
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.15 REF
2.10
2.00 SQ
1.90
0.20 MIN
Figure 32. 6-Lead Lead Frame Chip Scale Package [LFCSP_UD]
2.00 mm × 2.00 mm Body, Ultra Thin, Dual Lead
(CP-6-3)
Dimensions Shown in Millimeters
ORDERING GUIDE
Model1
Output
Voltage
Operating
Modes
Temperature
Range
Package Description
Package
Option
Branding
ADP1606ACPZN1.8-R7
1.8 V
MODE Pin
–40°C to +85°C
6-Lead LFCSP_UD
CP-6-3
LM8
ADP1606-1.8-EVALZ
1.8 V
MODE Pin
–40°C to +85°C
Evaluation Board, V
OUT = 1.8 V
ADP1607ACPZN-R7
Adjustable
Auto
–40°C to +85°C
6-Lead LFCSP_UD
CP-6-3
LJ5
ADP1607ACPZN001-R7
Adjustable
PWM
–40°C to +85°C
6-Lead LFCSP_UD
CP-6-3
LJ1
ADP1607-EVALZ
Auto
Evaluation Board, Automatic PFM/PWM
Switching Modes
ADP1607-001-EVALZ
PWM
Evaluation Board, PWM Mode Only
1 Z = RoHS Compliant Part.
Rev. D | Page 15 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com