Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1606ACPZN1.8-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP1606ACPZN1.8-R7
Description  2 MHz, Synchronous Boost DC-to-DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1606ACPZN1.8-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP1606ACPZN1.8-R7 Datasheet HTML 1Page - Analog Devices ADP1606ACPZN1.8-R7 Datasheet HTML 2Page - Analog Devices ADP1606ACPZN1.8-R7 Datasheet HTML 3Page - Analog Devices ADP1606ACPZN1.8-R7 Datasheet HTML 4Page - Analog Devices ADP1606ACPZN1.8-R7 Datasheet HTML 5Page - Analog Devices ADP1606ACPZN1.8-R7 Datasheet HTML 6Page - Analog Devices ADP1606ACPZN1.8-R7 Datasheet HTML 7Page - Analog Devices ADP1606ACPZN1.8-R7 Datasheet HTML 8Page - Analog Devices ADP1606ACPZN1.8-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
2 MHz, Synchronous Boost
DC-to-DC Converters
Data Sheet
ADP1606/ADP1607
FEATURES
Up to 96% efficiency
0.8 V to V
OUT input voltage range
Low 0.9 V input start-up voltage
1.8 V fixed output voltage (ADP1606)
1.8 V to 3.3 V adjustable output voltage range (ADP1607)
23 µA quiescent current
Fixed pulse-width modulation (PWM) and light load pulse
frequency modulation (PFM) mode options
Synchronous rectification
True shutdown output isolation
Internal soft start, compensation, and current limit
2 mm × 2 mm, 6-lead LFCSP
Compact solution size
APPLICATIONS
1-cell and 2-cell alkaline and NiMH/NiCd powered devices
Portable audio players, instruments, and medical devices
Solar cell applications
Miniature hard disk power supplies
Power LED status indicators
TYPICAL APPLICATION CIRCUITS
ADP1606
1
2
3
VIN
EN
5
SW
6
VOUT
MODE
ON
OFF
PWM
AUTO
4
GND
FIXED
OUTPUT VOLTAGE
1.8V
INPUT VOLTAGE
0.8V TO VOUT
L
2.2µH
CIN
10µF
COUT
10µF
Figure 1. ADP1606
ADP1607
1
2
3
VIN
EN
5
SW
6
VOUT
FB
ON
OFF
4
GND
ADJUSTABLE
OUTPUT VOLTAGE
1.8V TO 3.3V
INPUT VOLTAGE
0.8V TO VOUT
L
2.2µH
CIN
10µF
COUT
10µF
R1
R2
Figure 2. ADP1607
GENERAL DESCRIPTION
The ADP1606/ADP1607 are high efficiency, synchronous, fixed
frequency, step-up dc-to-dc switching converters with a 1.8 V
fixed output voltage option and a 1.8 V to 3.3 V adjustable
output voltage option for use in portable applications.
The 2 MHz operating frequency enables the use of small
footprint, low profile external components. Additionally, the
synchronous rectification, internal compensation, internal fixed
current limit, and current mode architecture allow excellent
transient response and a minimal external part count.
Other key features include fixed PWM and light load PFM
mode options, true output isolation, thermal shutdown (TSD),
and logic controlled enable. Available in a lead-free, thin, 6-lead
LFCSP package, the ADP1606/ADP1607 are ideal for providing
efficient power conversion in portable devices.
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2012–2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - ADP1606ACPZN1.8-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP160 AD-ADP160 Datasheet
513Kb / 20P
Ultralow Quiescent Current, 150 mA, CMOS Linear Regulator
REV. 0
ADP1607 AD-ADP1607 Datasheet
626Kb / 16P
2 MHz, Synchronous Boost DC-to-DC Converter
REV. C
ADP1607-001-EVALZ AD-ADP1607-001-EVALZ Datasheet
626Kb / 16P
2 MHz, Synchronous Boost DC-to-DC Converter
REV. C
ADP1607-001-EVALZ AD-ADP1607-001-EVALZ Datasheet
626Kb / 16P
2 MHz, Synchronous Boost DC-to-DC Converter
REV. C
ADP1607-EVALZ AD-ADP1607-EVALZ Datasheet
626Kb / 16P
2 MHz, Synchronous Boost DC-to-DC Converter
REV. C
More results

Similar Description - ADP1606ACPZN1.8-R7

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP3602 FOSLINK-FSP3602 Datasheet
176Kb / 5P
SYNCHRONOUS BOOST DC/DC CONVERTER
logo
Linear Technology
LTC3531 LINER-LTC3531 Datasheet
695Kb / 16P
200mA Buck-Boost Synchronous DC/DC Converters
logo
ams AG
AS1331 AMSCO-AS1331 Datasheet
2Mb / 16P
300mA Buck-Boost Synchronous DC/DC Converters
logo
Analog Devices
ADP1607ACPZN-R7 AD-ADP1607ACPZN-R7 Datasheet
626Kb / 16P
2 MHz, Synchronous Boost DC-to-DC Converter
REV. C
ADP1607ACPZN-R7 AD-ADP1607ACPZN-R7 Datasheet
626Kb / 16P
2 MHz, Synchronous Boost DC-to-DC Converter
REV. C
logo
ams AG
AS1331 AMSCO-AS1331_07 Datasheet
2Mb / 17P
300mA Buck-Boost Synchronous DC/DC Converters
logo
Linear Technology
LTC3531 LINER-LTC3531_15 Datasheet
716Kb / 16P
200mA Buck-Boost Synchronous DC/DC Converters
LTC3531-3.3 LINER-LTC3531-3.3_15 Datasheet
716Kb / 16P
200mA Buck-Boost Synchronous DC/DC Converters
LTC3531-3 LINER-LTC3531-3_15 Datasheet
716Kb / 16P
200mA Buck-Boost Synchronous DC/DC Converters
logo
Analog Devices
ADP2503 AD-ADP2503_V01 Datasheet
1Mb / 16P
600 mA/1000 mA, 2.5 MHz Buck-Boost DC-to-DC Converters
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com