Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1607ACPZN001-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP1607ACPZN001-R7
Description  2 MHz, Synchronous Boost DC-to-DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1607ACPZN001-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADP1607ACPZN001-R7 Datasheet HTML 1Page - Analog Devices ADP1607ACPZN001-R7 Datasheet HTML 2Page - Analog Devices ADP1607ACPZN001-R7 Datasheet HTML 3Page - Analog Devices ADP1607ACPZN001-R7 Datasheet HTML 4Page - Analog Devices ADP1607ACPZN001-R7 Datasheet HTML 5Page - Analog Devices ADP1607ACPZN001-R7 Datasheet HTML 6Page - Analog Devices ADP1607ACPZN001-R7 Datasheet HTML 7Page - Analog Devices ADP1607ACPZN001-R7 Datasheet HTML 8Page - Analog Devices ADP1607ACPZN001-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADP1606/ADP1607
Data Sheet
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
VIN, VOUT to GND
−0.3 V to +3.6 V
FB to GND
−0.3 V to +1.4 V
EN, SW, MODE to GND (When VIN ≥ VOUT) −0.3 V to VIN + 0.3 V
EN, SW, MODE to GND (When VIN < VOUT) −0.3 V to VOUT + 0.3 V
EPAD to GND
−0.3 V to + 0.3 V
Operating Ambient Temperature Range
−40°C to +85°C
Maximum Junction Temperature
90°C
Storage Temperature Range
−65°C to +150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
Absolute maximum ratings apply individually only, not in
combination.
THERMAL OPERATING RANGES
The ADP1606/ADP1607 can be damaged when the junction
temperature limits are exceeded. The maximum operating
junction temperature (TJ(MAX)) takes precedence over the
maximum operating ambient temperature (TA(MAX)).
Monitoring ambient temperature does not guarantee that the
junction temperature (TJ) is within the specified temperature
limits.
In applications with high power dissipation and poor printed
circuit board (PCB) thermal resistance, the maximum ambient
temperature may need to be derated. In applications with
moderate power dissipation and low PCB thermal resistance,
the maximum ambient temperature can exceed the maximum
limit as long as the junction temperature is within specification
limits.
The junction temperature (TJ) of the device is dependent on the
ambient temperature (TA), the power dissipation of the device
(PD), and the junction-to-ambient thermal resistance of the
package (θJA). Maximum junction temperature (TJ) is calculated
from the ambient temperature (TA) and power dissipation (PD)
using the following formula:
TJ = TA + (PD × θJA)
THERMAL RESISTANCE
Junction-to-ambient thermal resistance (θJA) of the package
is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages. The
junction-to-ambient thermal resistance is highly dependent
on the application and board layout. In applications where high
maximum power dissipation exists, attention to thermal board
design is required. The value of θJA may vary, depending on
PCB material, layout, and environmental conditions.
θJA and θJC (junction to case) are determined according to
JESD51-9 on a 4-layer PCB with natural convection cooling
and the exposed pad soldered to the board with thermal vias.
Table 3.
Package Type
θ
JA
θ
JC
Unit
6-Lead LFCSP
66.06
4.3
°C/W
For additional information on thermal resistance, refer to the
Thermal Characteristics of IC Assembly.
ESD CAUTION
Rev. D | Page 4 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com