Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1607ACPZN001-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP1607ACPZN001-R7
Description  2 MHz, Synchronous Boost DC-to-DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1607ACPZN001-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP1607ACPZN001-R7 Datasheet HTML 6Page - Analog Devices ADP1607ACPZN001-R7 Datasheet HTML 7Page - Analog Devices ADP1607ACPZN001-R7 Datasheet HTML 8Page - Analog Devices ADP1607ACPZN001-R7 Datasheet HTML 9Page - Analog Devices ADP1607ACPZN001-R7 Datasheet HTML 10Page - Analog Devices ADP1607ACPZN001-R7 Datasheet HTML 11Page - Analog Devices ADP1607ACPZN001-R7 Datasheet HTML 12Page - Analog Devices ADP1607ACPZN001-R7 Datasheet HTML 13Page - Analog Devices ADP1607ACPZN001-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADP1606/ADP1607
Data Sheet
Rev. D | Page 10 of 16
THEORY OF OPERATION
SW
+
+
VIN
N
RESET
AGND
GND
TSENSE
TREF
1
VDD
L1
A
VOUT
COUT
5
2
4
EN
VIN
S
R
QP
QN
RP
VSEL
SW
P
6
VSEL
VIN
OFF
ON
AUTO
PWM
3
FB
R1
R2
VOUT
CIN
VREF
PFM
COMPARATOR
PWM
COMPARATOR
CURRENT-LIMIT
COMPARATOR
TSD
COMPARATOR
PFM
CONTROL
SHUTDOWN
ZERO
CROSS
PMOS
BULK
CONTROL
P DRIVER
CURRENT
SENSING
N DRIVER
OSCILLATOR
SOFT
START
RCOMP
CCOMP
ERROR
AMPLIFIER
VREF
BULK
CONTROL
ADP16071
ADJUSTABLE
VOUT
1PIN 3 CONNECTION FOR ADP1607
2PIN 3 CONNECTION FOR ADP1606
VOUT
MODE
THRESHOLD
DETECT
ADP16062
FIXED VOUT
3
R1
R2
VOUT
Figure 28. Block Diagram
OVERVIEW
The ADP1606/ADP1607 are current mode, synchronous, step-up
dc-to-dc switching converters available in a 1.8 V fixed output
voltage option and a 1.8 V and 3.3 V adjustable output voltage
option. Other features include logic controlled enable, fixed
PWM and light load PFM mode options, true output isolation,
internal soft start, internal fixed current limit, internal
compensation, and TSD protection.
ENABLE/SHUTDOWN
The EN input turns the ADP1606/ADP1607 on or off. Connect
EN to GND or logic low to shut down the device and reduce the
current consumption to 0.06 μA (typical). Connect EN to VIN
or logic high to enable the device. Do not exceed VIN. Do not
leave this pin floating.
MODES OF OPERATION
The ADP1606/ADP1607 are available in a fixed PWM mode
option for noise sensitive applications or in an auto PFM-to-PWM
transitioning mode option to optimize power at light loads. The
ADP1606 has a MODE pin for application controlled selection
of fixed PWM mode or automatic switching from PFM to
PWM.
Table 6. ADP1606/ADP1607 Options
Model No.
Output
Voltage
Operating
Modes
ADP1606ACPZN1.8-R7
1.8 V
MODE pin
ADP1607ACPZN001-R7
Adjustable
Fixed PWM
ADP1607ACPZN-R7
Adjustable
Fixed auto
PWM Mode
The PWM version of the ADP1607 and the PWM mode of the
ADP1606 use a current mode PWM control scheme to force
the device to maintain a fixed 2 MHz fixed frequency while
regulating the output voltage over all load conditions. The auto
mode version of the ADP1607 and the auto mode of the
ADP1606 operate in PWM for higher load currents. In PWM,
the output voltage is monitored at the FB pin through the
external resistive voltage divider. The voltage at FB is compared
to the internal 1.259 V reference by the internal error amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com