Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1607ACPZN001-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP1607ACPZN001-R7
Description  2 MHz, Synchronous Boost DC-to-DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1607ACPZN001-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP1607ACPZN001-R7 Datasheet HTML 7Page - Analog Devices ADP1607ACPZN001-R7 Datasheet HTML 8Page - Analog Devices ADP1607ACPZN001-R7 Datasheet HTML 9Page - Analog Devices ADP1607ACPZN001-R7 Datasheet HTML 10Page - Analog Devices ADP1607ACPZN001-R7 Datasheet HTML 11Page - Analog Devices ADP1607ACPZN001-R7 Datasheet HTML 12Page - Analog Devices ADP1607ACPZN001-R7 Datasheet HTML 13Page - Analog Devices ADP1607ACPZN001-R7 Datasheet HTML 14Page - Analog Devices ADP1607ACPZN001-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
ADP1606/ADP1607
This current-mode PWM regulation system allows fast
transient response and tight output voltage regulation. PWM
mode operation results in lower efficiencies than PFM mode at
light loads.
Auto Mode
Auto mode is a power saving feature that forces the auto mode
version of the ADP1607 and the auto mode of the ADP1606 to
switch between PFM and PWM in response to output load
changes. In auto mode, the ADP1606/ADP1607 operate in PFM
mode for light load currents and switch to PWM mode for
medium and heavy load currents.
PFM Mode
When the auto mode version of the ADP1607 and the auto
mode of the ADP1606 are operating under light load
conditions, the effective switching frequency and supply current
are decreased and varied using PFM to regulate the output
voltage. This results in improved efficiencies and lower
quiescent currents. In PFM mode, the converter only switches
when necessary to keep the output voltage between the PFM
comparator high output voltage threshold and the lower sleep
mode exit voltage threshold. Switching stops when the upper
PFM limit is reached and resumes when the lower sleep mode
exit threshold is reached.
When VOUT exceeds the upper PFM threshold, switching stops
and the device enters sleep mode. In sleep mode, the
ADP1606/ADP1607 are mostly shut down, significantly
reducing the quiescent current. The output voltage is
discharged by the load until the output voltage reaches the
lower sleep mode exit threshold. After crossing the lower sleep
mode exit threshold, switching resumes and the process repeats.
Mode Transition
The auto mode version of the ADP1607 and the auto mode of
the ADP1606 switch automatically between PFM and PWM
modes to maintain optimal efficiency. Switching to PFM allows
the converter to save power by supplying the lighter load
current with fewer switching cycles. The mode transition point
depends on the operating conditions. See Figure 16 for typical
transition levels for VOUT = 2.5 V. Hysteresis exists in the
transition point to prevent instability and decreased efficiencies
that may result if the converter oscillates between PFM and
PWM for a fixed input voltage and load current.
The output voltage in PWM can be greater than or less than the
PFM voltage of that device.
INTERNAL CONTROL FEATURES
Input to Output Isolation
While in shutdown, the ADP1606/ADP1607 manage the
voltage of the bulk of the PMOS to force it off and internally
isolate the path from the input to output. This isolation allows
the output to drop to ground, reducing the current
consumption of the application in shutdown.
Soft Start
The ADP1606/ADP1607 soft start sequence is designed for
optimal control of the device. When EN goes high, or when the
device recovers from a TSD, the start-up sequence begins. The
output voltage increases through a sequence of stages to ensure
that the internal circuitry is powered up in the correct order as
the output voltage rises to its final value.
Current Limit
The ADP1606/ADP1607 are designed with a fixed 1 A typical
current limit that does not vary with duty cycle.
Synchronous Rectification
In addition to the N-channel MOSFET switch, the
ADP1606/ADP1607 have a P-channel MOSFET switch to build
the synchronous rectifier. The synchronous rectifier improves
efficiency, especially for heavy load currents, and reduces cost
and board space by eliminating the need for an external
Schottky diode.
Compensation
The PWM control loop of the ADP1606/ADP1607 is internally
compensated to deliver maximum performance with no
additional external components. The ADP1606/ADP1607 are
designed to work with 2.2 μH chip inductors and 10 μF ceramic
capacitors. Other values may reduce performance and/or
stability.
TSD Protection
The ADP1606/ADP1607 include TSD protection when the
device is in PWM mode only. If the die temperature exceeds
150°C (typical), the TSD protection activates and turns off the
power devices. They remain off until the die temperature falls
below 135°C (typical), at which point the converter restarts.
Rev. D | Page 11 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com