Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1607ACPZN001-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP1607ACPZN001-R7
Description  2 MHz, Synchronous Boost DC-to-DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1607ACPZN001-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP1607ACPZN001-R7 Datasheet HTML 8Page - Analog Devices ADP1607ACPZN001-R7 Datasheet HTML 9Page - Analog Devices ADP1607ACPZN001-R7 Datasheet HTML 10Page - Analog Devices ADP1607ACPZN001-R7 Datasheet HTML 11Page - Analog Devices ADP1607ACPZN001-R7 Datasheet HTML 12Page - Analog Devices ADP1607ACPZN001-R7 Datasheet HTML 13Page - Analog Devices ADP1607ACPZN001-R7 Datasheet HTML 14Page - Analog Devices ADP1607ACPZN001-R7 Datasheet HTML 15Page - Analog Devices ADP1607ACPZN001-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
ADP1606/ADP1607
CHOOSING THE INPUT CAPACITOR
The ADP1606/ADP1607 require a 10 µF or greater input bypass
capacitor (CIN) between VIN and GND to supply transient
currents while maintaining a constant input voltage. The value
of the input capacitor can be increased without any limit for
smaller input voltage ripple and improved input voltage filtering.
The capacitor must have a 4 V or higher voltage rating to support
the maximum input operating voltage. It is recommended that
CIN be placed as close to the ADP1606/ADP1607 as possible.
Different types of capacitors can be considered, but for battery-
powered applications, the best choice is the multilayer ceramic
capacitor, due to its small size, low equivalent series resistance
(ESR), and low equivalent series inductance (ESL). X5R or X7R
dielectrics are recommended. Do not use Y5V capacitors due to
their variation in capacitance over temperature. Alternatively,
use a high value, medium ESR capacitor in parallel with a 0.1 µF
low ESR capacitor.
CHOOSING THE OUTPUT CAPACITOR
The ADP1606/ADP1607 require a 10 µF output capacitor
(COUT) to maintain the output voltage and supply current to the
load. The output capacitor supplies the current to the load when
the N-channel switch is on. Similar to CIN, a 4 V or greater, low
ESR, X5R or X7R ceramic capacitor is recommended for COUT.
When choosing the output capacitor, it is also important to account
for the loss of capacitance due to output voltage dc bias. The
loss of capacitance due to output voltage dc bias may necessitate
the use of a capacitor with a higher rated voltage to achieve the
desired capacitance value. See Figure 29 for an example of how
the capacitance of a 10 µF ceramic capacitor changes with the
dc bias voltage.
0
2
4
6
8
10
12
0
1
2
3
4
5
6
DC BIAS VOLTAGE (V)
Figure 29. Typical Ceramic Capacitor Performance
The value and characteristics of the output capacitor greatly
affect the output voltage ripple, transient performance, and
stability of the regulator. The output voltage ripple (∆VOUT) in
continuous operation is calculated as follows:
OUT
ON
OUT
OUT
C
OUT
C
t
I
C
Q
V
×
=
=
(4)
where:
QC is the charge removed from the capacitor.
IOUT is the output load current.
tON is the on time of the N-channel switch.
COUT is the effective output capacitance.
SW
ON
f
D
t
=
(5)
and,
OUT
IN
OUT
V
V
V
D
=
(6)
As shown in the duty cycle and output ripple voltage equations,
the output voltage ripple increases with the load current.
Rev. D | Page 13 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com