Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1607ACPZN001-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP1607ACPZN001-R7
Description  2 MHz, Synchronous Boost DC-to-DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1607ACPZN001-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP1607ACPZN001-R7 Datasheet HTML 3Page - Analog Devices ADP1607ACPZN001-R7 Datasheet HTML 4Page - Analog Devices ADP1607ACPZN001-R7 Datasheet HTML 5Page - Analog Devices ADP1607ACPZN001-R7 Datasheet HTML 6Page - Analog Devices ADP1607ACPZN001-R7 Datasheet HTML 7Page - Analog Devices ADP1607ACPZN001-R7 Datasheet HTML 8Page - Analog Devices ADP1607ACPZN001-R7 Datasheet HTML 9Page - Analog Devices ADP1607ACPZN001-R7 Datasheet HTML 10Page - Analog Devices ADP1607ACPZN001-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
ADP1606/ADP1607
30
27
24
21
18
15
1.8
2.3
2.8
3.3
INPUT VOLTAGE (V)
TA = –40°C
TA = +25°C
TA = +45°C
TA = +85°C
Figure 11. ADP1607 Nonswitching PFM Mode Quiescent Current Measured
on VOUT vs. Input Voltage
5
4
3
2
1
0
0.9
1.4
1.9
2.4
2.9
INPUT VOLTAGE (V)
TA = –40°C
TA = +25°C
TA = +45°C
TA = +90°C
Figure 12. Shutdown Current vs. Input Voltage
170
155
140
125
110
95
1.8
2.3
2.8
3.3
OUTPUT VOLTAGE (V)
TA = –40°C
TA = +25°C
TA = +90°C
ISW = 500mA
Figure 13. NMOS Drain-to-Source On Resistance
270
240
210
180
150
120
1.8
2.3
2.8
3.3
OUTPUT VOLTAGE (V)
TA = –40°C
TA = +25°C
TA = +90°C
ISW = 500mA
Figure 14. PMOS Drain-to-Source On Resistance
1200
1100
1000
900
800
700
0.8
1.3
1.8
2.3
2.8
3.3
INPUT VOLTAGE (V)
VOUT = 1.8 V
VOUT = 2.5V
VOUT = 3.3V
Figure 15. Switch Current Limit vs. Input Voltage
140
120
100
80
60
40
20
0
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
INPUT VOLTAGE (V)
VOUT = 2.5V
PWM OPERATION
PFM OPERATION
Figure 16. Auto Mode Transition Thresholds
Rev. D | Page 7 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com