Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2311ACPZ-1-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP2311ACPZ-1-R7
Description  Dual 1 A, 18 V, Synchronous Step-Down Regulator with Fail-Safe Voltage Monitoring
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2311ACPZ-1-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADP2311ACPZ-1-R7 Datasheet HTML 1Page - Analog Devices ADP2311ACPZ-1-R7 Datasheet HTML 2Page - Analog Devices ADP2311ACPZ-1-R7 Datasheet HTML 3Page - Analog Devices ADP2311ACPZ-1-R7 Datasheet HTML 4Page - Analog Devices ADP2311ACPZ-1-R7 Datasheet HTML 5Page - Analog Devices ADP2311ACPZ-1-R7 Datasheet HTML 6Page - Analog Devices ADP2311ACPZ-1-R7 Datasheet HTML 7Page - Analog Devices ADP2311ACPZ-1-R7 Datasheet HTML 8Page - Analog Devices ADP2311ACPZ-1-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADP2311
Data Sheet
Rev. B | Page 4 of 20
SPECIFICATIONS
PVIN1 = PVIN2 = 12 V, TJ = −40°C to +125°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
POWER INPUT
PVIN1, PVIN2 pins
Power Input Voltage Range
VPVIN
4.5
18
V
Quiescent Current (PVIN1 + PVIN2)
IQ
No switching, FB1 = FB2 = 0.65 V
1.2
1.5
mA
Shutdown Current (PVIN1 + PVIN2)
ISHDN
EN = GND
10
20
µA
PVINx Undervoltage Lockout Threshold
PVINx Rising
4.2
4.5
V
PVINx Falling
3.5
3.7
V
FEEDBACK
FB1, FB2 pins
FBx Regulation Voltage
VFB
TJ = 0°C to +85°C
0.594
0.6
0.606
V
TJ = −40°C to +125°C
0.591
0.6
0.609
V
FBx Bias Current
IFB
0.01
0.1
µA
INTERNAL REGULATOR
VREG pin
VREG Voltage
4.7
5
5.3
V
Dropout Voltage
IVREG = 5 mA
300
mV
Regulator Current Limit
30
50
70
mA
MOSFET ON RESISTANCE
RDSON
Pin to pin measurements
High-Side On Resistance
VBST to VSW = 5 V
110
158
mΩ
Low-Side On Resistance
VREG = 5 V
60
90
mΩ
CURRENT LIMIT
High-Side Peak Current Limit
1.6
2
2.4
A
Low-Side Source Current Limit
1.9
2.6
3.1
A
Low-Side Sink Current Limit
0.5
1
A
Hiccup Time
4096
Cycles
SWITCH NODE
SW1, SW2 pins
SWx Minimum On Time
tMIN_ON
ISW = 0.5 A
100
ns
SWx Minimum Off Time
tMIN_OFF
165
ns
PWM SWITCHING FREQUENCY
fSW
250
300
350
kHz
SOFT START TIME
tSS
512
Cycles
ENABLE
EN pin
EN Rising Threshold
1.2
1.28
V
EN Falling Threshold
1.02
1.1
V
EN Source Current
EN voltage below falling threshold
5
µA
EN voltage above rising threshold
1
µA
POWER-ON RESET
POR pin
Power-On Reset Threshold
Falling threshold (VFB1 and VFB2)
93.5
95
96.5
%
Power-On Reset Hysteresis
1.5
%
Power-On Reset Default Deglitch Time
1.7
ms
POR Leakage Current
VPOR = 5 V
0.1
1
µA
POR Output Low Voltage
IPOR = 1 mA
65
90
mV
POWER FAIL INPUT AND OUTPUT
PFI and PFO pins
Power Fail Input Threshold
VPFI
Rising threshold
0.591
0.6
0.609
V
Power Fail Input Hysteresis
VPFI_HYST
25
33
mV
Power Fail Deglitch Time
8
Cycles
PFI Leakage Current
VPFI = 1.2 V
10
50
nA
PFO Leakage Current
VPFO = 5 V
0.1
1
µA
PFO Output Low Voltage
IPFO = 1 mA
65
90
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com