Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2311ACPZ-1-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP2311ACPZ-1-R7
Description  Dual 1 A, 18 V, Synchronous Step-Down Regulator with Fail-Safe Voltage Monitoring
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2311ACPZ-1-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP2311ACPZ-1-R7 Datasheet HTML 10Page - Analog Devices ADP2311ACPZ-1-R7 Datasheet HTML 11Page - Analog Devices ADP2311ACPZ-1-R7 Datasheet HTML 12Page - Analog Devices ADP2311ACPZ-1-R7 Datasheet HTML 13Page - Analog Devices ADP2311ACPZ-1-R7 Datasheet HTML 14Page - Analog Devices ADP2311ACPZ-1-R7 Datasheet HTML 15Page - Analog Devices ADP2311ACPZ-1-R7 Datasheet HTML 16Page - Analog Devices ADP2311ACPZ-1-R7 Datasheet HTML 17Page - Analog Devices ADP2311ACPZ-1-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADP2311
Data Sheet
Rev. B | Page 14 of 20
The POR function has hysteresis of 1.5% between the falling and
rising thresholds. The POR rising threshold is 96.5% typical,
95% minimum, and 98% maximum. Therefore, the typical POR
rising trigger voltage is 0.6 V × 96.5% = 0.579 V. The POR rising
threshold voltage is always higher than the POR falling threshold
voltage.
TIMER PIN CONFIGURATION
The POR sequence timing and delay time depend on the config-
uration of the TIMER pin.
Figure 31 shows the first configuration of the TIMER pin.
Figure 34 shows the power-on reset timing for this configuration.
As shown in Figure 31, a capacitor is connected between the
TIMER pin and GND. The POR pin is pulled high when both
VOUT1 and VOUT2 are above 96.5% of the VOUTx nominal value
after a delay time. The POR pin is pulled low when either VOUT1
or VOUT2 falls below 95% of the VOUTx nominal voltage.
The POR delay time is determined by the maximum value
between the internal default delay of 1.7 ms and an external
delay time calculated by the following equation:
TIMER
TIMER
DELAY
I
C
t
V
0.6
where:
CTIMER
is the capacitor between the TIMER pin and GND
(1 nF to 68 nF).
ITIMER
is the pull-up current of the TIMER pin (3 μA).
Figure 32 shows the second configuration of the TIMER pin.
Figure 35 shows the power-on reset timing for this configuration.
As shown in Figure 32, a resistor and capacitor are connected
between the TIMER pin and GND. The POR pin is pulled high
when both VOUT1 and VOUT2 are above 96.5% of the VOUTx nominal
value after a delay time. The POR pin is pulled low when VOUT1
or VOUT2 falls below 95% of the VOUTx nominal voltage or when
the watchdog timer times out (the RSTO pin is taken from high
to low).
The POR delay time is determined by the maximum value
between the internal default delay of 1.7 ms and an external
delay time calculated by the following equation:

TIMER
TIMER
SEQ
TIMER
DELAY
I
C
R
I
t
V
6
.
0
where:
RSEQ is a resistor in the range of 8 kΩ to 12 kΩ. Typically,
a 10 kΩ resistor is chosen for RSEQ.
CTIMER is a capacitor in the range of 1 nF to 68 nF.
Figure 33 shows the third configuration of the TIMER pin.
Figure 35 shows the power-on reset timing for this configuration.
In this configuration, the TIMER pin is floating. The POR delay
time is fixed at 1.7 ms.
ADP2311
TIMER
CTIMER
POR
RSTO
Figure 31. Capacitor Connected Between TIMER and GND
CTIMER
ADP2311
TIMER
RSEQ
POR
RSEQ = 10kΩ
RSTO
Figure 32. Resistor and Capacitor Connected Between TIMER and GND
ADP2311
TIMER
POR
RSTO
Figure 33. TIMER Pin Floating
VOUT1
tWD
WDI
VOUT2
POR
tDELAY
96.5% × VOUT1
96.5% × VOUT2
95% × VOUT2
tRP
RSTO
Figure 34. Power-On Reset Timing for Figure 31
WDI
VOUT2
POR
tWD
tRP
VOUT1
tDELAY
tDELAY
96.5% × VOUT1
96.5% × VOUT2
95% × VOUT2
RSTO
Figure 35. Power-On Reset Timing for Figure 32 and Figure 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com