Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2311ACPZ-1-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP2311ACPZ-1-R7
Description  Dual 1 A, 18 V, Synchronous Step-Down Regulator with Fail-Safe Voltage Monitoring
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2311ACPZ-1-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP2311ACPZ-1-R7 Datasheet HTML 1Page - Analog Devices ADP2311ACPZ-1-R7 Datasheet HTML 2Page - Analog Devices ADP2311ACPZ-1-R7 Datasheet HTML 3Page - Analog Devices ADP2311ACPZ-1-R7 Datasheet HTML 4Page - Analog Devices ADP2311ACPZ-1-R7 Datasheet HTML 5Page - Analog Devices ADP2311ACPZ-1-R7 Datasheet HTML 6Page - Analog Devices ADP2311ACPZ-1-R7 Datasheet HTML 7Page - Analog Devices ADP2311ACPZ-1-R7 Datasheet HTML 8Page - Analog Devices ADP2311ACPZ-1-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
ADP2311
Rev. B | Page 5 of 20
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
VOLTAGE MONITOR COMPARATOR
VM2 pin
VM2 Input Threshold
Falling threshold
0.585
0.6
0.615
V
VM2 Input Hysteresis
50
65
mV
VM2 Leakage Current
10
50
nA
POR TIMER
TIMER pin
TIMER Pin Pull-Up Current
3
µA
WATCHDOG
WDI and RSTO pins
Reset Threshold Voltage
Senses VFB2
93.5
95
96.5
%
Reset Threshold Hysteresis
1.5
%
Reset Timeout Period
tRP
0.883
1
1.17
ms
Watchdog Timeout Period
tWD
See the Ordering Guide
Option 1
83
100
117
ms
Option 2
41
50
58
ms
Option 3
125
150
175
ms
Option 4
167
200
233
ms
WDI Pulse Width
80
ns
WDI Input High Voltage
1.2
V
WDI Input Low Voltage
0.4
V
RSTO Output Low Voltage
I
RSTO = 1 mA
65
90
mV
RSTO Leakage Current
V
RSTO = 5 V
0.1
1
µA
THERMAL
Thermal Shutdown Threshold
150
°C
Thermal Shutdown Hysteresis
15
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com