Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2311ACPZ-1-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP2311ACPZ-1-R7
Description  Dual 1 A, 18 V, Synchronous Step-Down Regulator with Fail-Safe Voltage Monitoring
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2311ACPZ-1-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP2311ACPZ-1-R7 Datasheet HTML 5Page - Analog Devices ADP2311ACPZ-1-R7 Datasheet HTML 6Page - Analog Devices ADP2311ACPZ-1-R7 Datasheet HTML 7Page - Analog Devices ADP2311ACPZ-1-R7 Datasheet HTML 8Page - Analog Devices ADP2311ACPZ-1-R7 Datasheet HTML 9Page - Analog Devices ADP2311ACPZ-1-R7 Datasheet HTML 10Page - Analog Devices ADP2311ACPZ-1-R7 Datasheet HTML 11Page - Analog Devices ADP2311ACPZ-1-R7 Datasheet HTML 12Page - Analog Devices ADP2311ACPZ-1-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
ADP2311
Rev. B | Page 9 of 20
4.2
4.4
4.6
4.8
5.0
5.2
5.4
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 11. EN Source Current vs. Temperature at VEN = 1 V
594
596
598
600
602
604
606
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 12. Feedback Voltage vs. Temperature
560
564
568
572
576
580
584
588
592
596
600
604
608
612
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
RISING
FALLING
Figure 13. PFI Threshold vs. Temperature
0.80
0.84
0.88
0.92
0.96
1.00
1.04
1.08
1.12
1.16
1.20
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 14. EN Source Current vs. Temperature at VEN = 1.5 V
560
564
568
572
576
580
584
588
–40
–20
0
20
40
60
80
100
120
RISING
FALLING
TEMPERATURE (°C)
Figure 15. POR Threshold vs. Temperature
580
590
600
610
620
630
640
650
660
670
–40
–20
0
20
40
60
80
100
120
RISING
FALLING
TEMPERATURE (°C)
Figure 16. VM2 Threshold vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com