Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2311ACPZ-1-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP2311ACPZ-1-R7
Description  Dual 1 A, 18 V, Synchronous Step-Down Regulator with Fail-Safe Voltage Monitoring
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2311ACPZ-1-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP2311ACPZ-1-R7 Datasheet HTML 3Page - Analog Devices ADP2311ACPZ-1-R7 Datasheet HTML 4Page - Analog Devices ADP2311ACPZ-1-R7 Datasheet HTML 5Page - Analog Devices ADP2311ACPZ-1-R7 Datasheet HTML 6Page - Analog Devices ADP2311ACPZ-1-R7 Datasheet HTML 7Page - Analog Devices ADP2311ACPZ-1-R7 Datasheet HTML 8Page - Analog Devices ADP2311ACPZ-1-R7 Datasheet HTML 9Page - Analog Devices ADP2311ACPZ-1-R7 Datasheet HTML 10Page - Analog Devices ADP2311ACPZ-1-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
ADP2311
Rev. B | Page 7 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
GND
VREG
POR
TIMER
PFO
PGND1
NOTES
1. SOLDER THE EXPOSED PAD TO AN
EXTERNAL GND PLANE.
PFI
2
1
3
4
5
6
18
17
16
15
14
13
ADP2311
TOP VIEW
PGND1
BST1
BST2
PGND2
PGND2
Figure 4. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
GND
Analog Ground. Connect this pin to the ground plane.
2
VREG
Internal 5 V Regulator Output. The IC control circuits are powered from this voltage. Place a 1 µF ceramic
capacitor between VREG and GND.
3
TIMER
POR Sequence Selection and Delay Time Setting. This pin is used to set the POR sequence and delay time (see
the TIMER Pin Configuration section).
4
PFI
Power Fail Comparator Input. Connect an external resistor divider from PVIN2 to PFI to monitor the input voltage.
When the PFI voltage falls below the threshold voltage, the PFO pin is pulled low.
5
PFO
Power Fail Output (Open Drain).
6
POR
Power-On Reset Output (Open Drain).
7
FB2
Feedback Voltage Sense Input for Channel 2. Connect this pin to a resistor divider from the Channel 2 output
voltage, VOUT2.
8
RSTO
Watchdog Output (Open Drain). The RSTO pin goes low if the internal watchdog timer times out because of
inactivity on the WDI input.
9
WDI
Watchdog Input. If WDI remains high or low for longer than the watchdog timeout period, the watchdog output,
RSTO, goes low. The timer is reset with each transition at the WDI input; a high to low or low to high transition
clears the counter.
10
PVIN2
Power Input for Channel 2. Connect PVIN2 to the input power source, and connect a bypass capacitor between
this pin and PGND2.
11, 12
SW2
Switch Node for Channel 2.
13, 14
PGND2
Power Ground for Channel 2.
15
BST2
Supply Rail for the Gate Drive of Channel 2. Place a 0.1 µF capacitor between SW2 and BST2.
16
BST1
Supply Rail for the Gate Drive of Channel 1. Place a 0.1 µF capacitor between SW1 and BST1.
17, 18
PGND1
Power Ground for Channel 1.
19, 20
SW1
Switch Node for Channel 1.
21
PVIN1
Power Input for Channel 1. Connect PVIN1 to the input power source, and connect a bypass capacitor between
this pin and PGND1.
22
EN
Precision Enable Input. An external resistor divider can be used to set the turn-on threshold. If the enable pin is
not used, connect EN to PVINx.
23
VM2
Voltage Monitor Comparator Input. Connect an external resistor divider from PVIN2 to VM2 to monitor the
input voltage. During the power-down sequence, Channel 2 turns off when the VM2 voltage falls below the
threshold voltage.
24
FB1
Feedback Voltage Sense Input for Channel 1. Connect this pin to a resistor divider from the Channel 1 output
voltage, VOUT1.
EP
Exposed Pad. Solder the exposed pad to an external GND plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com