Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2311ACPZ-2-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP2311ACPZ-2-R7
Description  Dual 1 A, 18 V, Synchronous Step-Down Regulator with Fail-Safe Voltage Monitoring
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2311ACPZ-2-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP2311ACPZ-2-R7 Datasheet HTML 1Page - Analog Devices ADP2311ACPZ-2-R7 Datasheet HTML 2Page - Analog Devices ADP2311ACPZ-2-R7 Datasheet HTML 3Page - Analog Devices ADP2311ACPZ-2-R7 Datasheet HTML 4Page - Analog Devices ADP2311ACPZ-2-R7 Datasheet HTML 5Page - Analog Devices ADP2311ACPZ-2-R7 Datasheet HTML 6Page - Analog Devices ADP2311ACPZ-2-R7 Datasheet HTML 7Page - Analog Devices ADP2311ACPZ-2-R7 Datasheet HTML 8Page - Analog Devices ADP2311ACPZ-2-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Dual 1 A, 18 V, Synchronous Step-Down
Regulator with Fail-Safe Voltage Monitoring
Data Sheet
ADP2311
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Input voltage: 4.5 V to 18 V
±1.0% output accuracy
Integrated MOSFET: 110 mΩ/60 mΩ typical
Continuous output current: 1 A/1 A
Power fail comparator generates warning
Power-on reset with programmable delay timer
Adjustable voltage monitor for power-down (Channel 2)
Watchdog refresh input
Dual phase with 180° out-of-phase operation
Fixed switching frequency: 300 kHz
Internal compensation and soft start
Stable with low ESR output ceramic capacitors
Precision enable input
Power feedback during power-off
UVLO, OCP, OVP, and thermal shutdown protection
APPLICATIONS
Industrial and instrumentation
Healthcare and medical
DC-to-DC point of load applications
TYPICAL APPLICATION CIRCUIT
BST1
PVIN1
SW1
EN
FB1
GND VREG
ADP2311
VIN
CIN1
PGND1
BST2
PVIN2
SW2
VM2
FB2
VIN
CIN2
PGND2
VOUT2
L2
TIMER
PFO POR
PFI
CVREG
CTIMER
WDI
RPFI_TOP
RPFI_BOT
RSTO
RVM2_TOP
RVM2_BOT
RTOP2
RBOT2
COUT2
C2BST
VOUT1
L1
RTOP1
RBOT1
COUT1
C1BST
Figure 1.
50
55
60
65
70
75
80
85
90
95
100
0
0.2
0.4
0.6
0.8
1.0
OUTPUT CURRENT (A)
VOUT = 3.3V
VOUT = 5V
Figure 2. Efficiency vs. Output Current at VIN = 12 V, fSW = 300 kHz
GENERAL DESCRIPTION
The ADP2311 is a fully integrated, dual output, synchronous
step-down dc-to-dc regulator. The regulator operates from input
voltages of 4.5 V to 18 V, and the output can regulate down to
0.6 V. Each channel can provide up to 1 A of continuous output
current.
The ADP2311 integrates the high-side and low-side MOSFETs
to provide a very high efficiency, compact solution. Both channels
of the regulator run at 180° out of phase to reduce the input ripple
current and the input capacitor size, thereby helping to lower
system electromagnetic interference (EMI). The ADP2311 also
integrates internal compensation and soft start circuitry to simplify
the design.
An on-chip watchdog timer can reset the microprocessor if it
fails to strobe within a preset timeout period. Accurate voltage
monitoring circuitry and a power fail comparator provide a
controlled power-up and power-down sequence to enhance
system reliability.
The ADP2311 also includes undervoltage lockout (UVLO),
overvoltage protection (OVP), overcurrent protection (OCP),
and thermal shutdown (TSD).
The ADP2311 operates over the −40°C to +125°C junction
temperature range and is available in a 24-lead LFCSP package.


Similar Part No. - ADP2311ACPZ-2-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2300 AD-ADP2300 Datasheet
690Kb / 28P
1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
REV. 0
ADP2300 AD-ADP2300 Datasheet
563Kb / 10P
Fully Automatic High Performance Conductivity Measurement System
Rev. C
ADP2300-EVALZ AD-ADP2300-EVALZ Datasheet
608Kb / 28P
1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
REV. C
ADP2300AUJZ-R2 AD-ADP2300AUJZ-R2 Datasheet
608Kb / 28P
1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
REV. C
ADP2300AUJZ-R7 AD-ADP2300AUJZ-R7 Datasheet
608Kb / 28P
1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
REV. C
More results

Similar Description - ADP2311ACPZ-2-R7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65270 TI1-TPS65270 Datasheet
1Mb / 25P
4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
logo
Analog Devices
ADP2441 AD-ADP2441 Datasheet
1Mb / 32P
36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
REV. A
logo
Texas Instruments
TPS65270 TI-TPS65270_15 Datasheet
2Mb / 27P
4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS65276 TI-TPS65276_15 Datasheet
734Kb / 33P
4.5-V TO 18-V INPUT VOLTAGE, 6-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER
TPS56C20 TI1-TPS56C20 Datasheet
1Mb / 44P
Synchronous Step-Down Voltage Regulator with Voltage Scaling
TPS563201 TI1-TPS563201 Datasheet
1Mb / 25P
Synchronous Step-Down Voltage Regulator
TPS563240 TI1-TPS563240 Datasheet
748Kb / 24P
17-V, 3-A 1.4 MHz Synchronous Step-Down Voltage Regulator
TPS568230 TI1-TPS568230 Datasheet
1Mb / 31P
4.5-V to 18-V input, 8-A synchronous step-down voltage regulator
TPS56C230 TI1-TPS56C230 Datasheet
1Mb / 29P
4.5-V to 18-V, 12-A synchronous step-down voltage regul
TPS566231 TI-TPS566231_V01 Datasheet
1Mb / 30P
TPS56623x 3-V to 18-V Input, 6-A Synchronous Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com