Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2311ACPZ-2-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP2311ACPZ-2-R7
Description  Dual 1 A, 18 V, Synchronous Step-Down Regulator with Fail-Safe Voltage Monitoring
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2311ACPZ-2-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP2311ACPZ-2-R7 Datasheet HTML 12Page - Analog Devices ADP2311ACPZ-2-R7 Datasheet HTML 13Page - Analog Devices ADP2311ACPZ-2-R7 Datasheet HTML 14Page - Analog Devices ADP2311ACPZ-2-R7 Datasheet HTML 15Page - Analog Devices ADP2311ACPZ-2-R7 Datasheet HTML 16Page - Analog Devices ADP2311ACPZ-2-R7 Datasheet HTML 17Page - Analog Devices ADP2311ACPZ-2-R7 Datasheet HTML 18Page - Analog Devices ADP2311ACPZ-2-R7 Datasheet HTML 19Page - Analog Devices ADP2311ACPZ-2-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADP2311
Data Sheet
Rev. B | Page 16 of 20
THERMAL SHUTDOWN
If the ADP2311 junction temperature exceeds 150°C, the PFO
pin is immediately pulled low, and Channel 2 enters power feed-
back mode. When VOUT2 falls below 95% of its nominal voltage,
the POR and RSTO pins are pulled low. When the FB2 voltage falls
below 48 mV, Channel 1 turns off and enters discharge mode.
A 15°C hysteresis is included so that the ADP2311 does not
recover from thermal shutdown until the on-chip temperature
falls below 135°C. Upon recovery, a soft start is initiated before
normal operation. Figure 37 shows the power sequence during
thermal protection based on the circuit shown in Figure 38.
FB2
(INT)
WDI
(FROM
PROCESSOR)
PFO
WHEN THE JUNCTION TEMPERATURE IS
HIGHER THAN 150°C, PFO IS IMMEDIATELY
PULLED LOW, AND CHANNE L 2 ENTERS
POWER FEEDBACK MODE.
WHEN FB2 FALLS TO 95% OF ITS NOMINAL
VALUE, POR AND RSTO ARE PULLED LOW.
WHEN FB2 DISCHARGES TO 48mV,
CHANNEL 1 TURNS OFF.
FB1
VIN
POR
THERMAL
SHUTDOWN
WHEN THE JUNCTION
TEMPERATURE IS LOWER
THAN 135°C, THE PART
POWERS UP AGAIN USING THE
NORMAL START-UP ROUTINE.
PWM1
PWM2
48mV
95%
POWER
FEEDBACK MODE
48mV
RSTO
Figure 37. Power Sequence During Thermal Protection Based on the Circuit Shown in Figure 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com