Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2311ACPZ-2-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP2311ACPZ-2-R7
Description  Dual 1 A, 18 V, Synchronous Step-Down Regulator with Fail-Safe Voltage Monitoring
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2311ACPZ-2-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP2311ACPZ-2-R7 Datasheet HTML 12Page - Analog Devices ADP2311ACPZ-2-R7 Datasheet HTML 13Page - Analog Devices ADP2311ACPZ-2-R7 Datasheet HTML 14Page - Analog Devices ADP2311ACPZ-2-R7 Datasheet HTML 15Page - Analog Devices ADP2311ACPZ-2-R7 Datasheet HTML 16Page - Analog Devices ADP2311ACPZ-2-R7 Datasheet HTML 17Page - Analog Devices ADP2311ACPZ-2-R7 Datasheet HTML 18Page - Analog Devices ADP2311ACPZ-2-R7 Datasheet HTML 19Page - Analog Devices ADP2311ACPZ-2-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Data Sheet
ADP2311
Rev. B | Page 17 of 20
APPLICATIONS INFORMATION
INPUT CAPACITOR SELECTION
The input capacitor reduces the input voltage ripple caused by
the switch current on PVINx. Place the input capacitor as close
as possible to the PVINx pin. A ceramic capacitor in the 10 μF
to 47 μF range is recommended. The loop composed of the input
capacitor, the high-side MOSFET, and the low-side MOSFET
must be kept as small as possible.
The voltage rating of the input capacitor must be greater than
the maximum input voltage. Ensure that the rms current rating
of the input capacitor is larger than the value calculated from
the following equation:
ICIN_RMS = IOUT ×
(
)
D
D
−
× 1
where D is the duty cycle (D = VOUT/VIN).
OUTPUT VOLTAGE SETTING
The output voltage of the ADP2311 can be set by an external
resistor divider using the following equation:
VOUT = 0.6 ×
+
BOT
TOP
R
R
1
To limit the output voltage accuracy degradation due to the FB
bias current (0.1 µA maximum) to less than 0.5% (maximum),
ensure that RBOT < 30 kΩ.
Table 5 lists the recommended resistor divider values for various
output voltages.
Table 5. Resistor Divider Values for Various Output Voltages
VOUT (V)
RTOP ± 1% (kΩ)
RBOT ± 1% (kΩ)
1.0
10
15
1.2
10
10
1.5
15
10
1.8
20
10
2.5
47.5
15
3.3
10
2.21
5.0
22
3
INDUCTOR SELECTION
The inductor value is determined by the operating frequency,
input voltage, output voltage, and inductor ripple current. Using
a small inductor value leads to a faster transient response, but
degrades efficiency due to a larger inductor ripple current. Using
a large inductor value leads to smaller ripple current and better
efficiency, but results in a slower transient response.
As a guideline, the inductor ripple current, ΔIL, is typically set
to one-third of the maximum load current. The inductor value
is calculated using the following equation:
L =
SW
L
OUT
IN
f
I
D
V
V
×
∆
×
−
)
(
where:
VIN is the input voltage.
VOUT is the output voltage.
D is the duty cycle (D = VOUT/VIN).
ΔIL is the inductor current ripple.
fSW is the switching frequency.
The peak inductor current is calculated by
IPEAK = IOUT +
2
L
I
∆
The saturation current of the inductor must be larger than the
peak inductor current. For ferrite core inductors with a quick
saturation characteristic, the saturation current rating of the
inductor must be higher than the current-limit threshold of the
switch to prevent the inductor from reaching saturation.
The rms current of the inductor is calculated using the follow-
ing equation:
IRMS =
12
2
2
L
OUT
I
I
∆
+
Shielded ferrite core materials are recommended for low core
loss and low EMI. Table 6 lists some recommended inductors.
Table 6. Recommended Inductors
Vendor
Part No.
Value
(µH)
ISAT (A)
IRMS (A)
DCR
(mΩ)
Sumida
CDRH8D58/
LDNP-100NC
10
2.2
4.5
20.5
CDRH8D58/
LDNP-150NC
15
1.9
3.6
29
CDRH8D58/
LDNP-220NC
22
1.4
3.3
36.2
Coilcraft
XAL6060-103ME
10
7.6
7
27
XAL6060-153ME
15
5.8
6
39.7
XAL6060-223ME
22
5.6
5
55.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com