Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2311ACPZ-2-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP2311ACPZ-2-R7
Description  Dual 1 A, 18 V, Synchronous Step-Down Regulator with Fail-Safe Voltage Monitoring
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2311ACPZ-2-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP2311ACPZ-2-R7 Datasheet HTML 11Page - Analog Devices ADP2311ACPZ-2-R7 Datasheet HTML 12Page - Analog Devices ADP2311ACPZ-2-R7 Datasheet HTML 13Page - Analog Devices ADP2311ACPZ-2-R7 Datasheet HTML 14Page - Analog Devices ADP2311ACPZ-2-R7 Datasheet HTML 15Page - Analog Devices ADP2311ACPZ-2-R7 Datasheet HTML 16Page - Analog Devices ADP2311ACPZ-2-R7 Datasheet HTML 17Page - Analog Devices ADP2311ACPZ-2-R7 Datasheet HTML 18Page - Analog Devices ADP2311ACPZ-2-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Data Sheet
ADP2311
Rev. B | Page 15 of 20
POWER FAIL COMPARATOR
The ADP2311 integrates a power fail comparator that can
generate a warning when the input voltage falls below the
designated voltage. When the PFI input voltage falls below
0.575 V, the PFO pin is pulled low. When the PFI input voltage
rises above 0.6 V, the PFO pin is pulled high. The low leakage
current of the PFI pin allows the use of a large value external
resistor to reduce system current consumption.
The PFO pin can be used to send a warning signal to the pro-
cessor in case of an abnormal input voltage condition so that
the processor can prepare to power down the system before
power is lost.
VOLTAGE MONITOR COMPARATOR (VM2)
The VM2 pin connects to an accurate comparator. When the
VM2 voltage falls below 0.6 V, Channel 2 is turned off. When
the VM2 voltage rises above 0.65 V, Channel 2 is allowed to
power up if the EN pin is high and PFI is above 0.6 V.
WATCHDOG TIMER
The watchdog timer circuit is used to monitor the activity of the
processor. During power-up, the watchdog timer circuit does not
acknowledge pulses from the WDI pin until the voltage at FB2 is
above the reset threshold and the reset timeout period (tRP) has
elapsed. During the power-up sequence, the RSTO pin is pulled
low and remains low until the watchdog timer circuit is activated.
The watchdog timer circuit can be initialized only by a low to
high transition on the WDI pin both after power up and after a
watchdog timeout (see Figure 36).
VOUT2
96.5%
tRP
tWD
tRP
WDI
RSTO
Figure 36. Watchdog Timing Diagram
After the watchdog timer circuit is active, it is cleared with every
low to high or high to low logic transition on the WDI pin, which
can detect pulse widths as short as 80 ns. If the WDI pin remains
high or low for longer than the watchdog timeout period (tWD),
a reset is asserted, and the RSTO pin is pulled low. The processor
is required to toggle the WDI pin within the timeout period;
therefore, it indicates a code execution error, and the generated
reset pulse (tRP) restarts the microprocessor in a known state.
The watchdog timer can also be cleared by a reset assertion due
to an undervoltage condition on VOUT2. When the FB2 voltage is
below the reset threshold, a reset is asserted; the watchdog timer
is cleared and does not begin counting again until reset is
deasserted.
The watchdog timeout (tWD) is set by the factory to one of four
possible values: 50 ms, 100 ms, 150 ms, and 200 ms (see the
Ordering Guide).
POWER-UP AND POWER-DOWN SEQUENCE
The ADP2311 has a controlled power-up and power-down
sequence. During power-up, Channel 1 is powered up before
Channel 2. During power-down, Channel 2 is powered down
before Channel 1.
Channel 1 does not power up until all of the following
conditions are met followed by a 128 cycle delay:
•
The PFI voltage exceeds 0.6 V.
•
The voltage on the EN pin exceeds 1.2 V.
•
Both the FB1 and FB2 voltages are less than 48 mV.
When VOUT1 reaches 96.5% of its normal voltage, Channel 2 is
powered up after a delay of 256 cycles.
During power-down, when the VM2 voltage falls below 0.6 V,
Channel 2 is turned off and power feedback occurs. Channel 2
energy is fed back to the input voltage to speed up the discharge
time of Channel 2. When the FB2 output voltage falls below
48 mV, Channel 1 is allowed to turn off, and power feedback
occurs to speed up the discharge time of Channel 1.
The power feedback feature allows the Channel 1 and Channel 2
output voltage fall time (100% to 10%) to be within 10 ms.
OVERVOLTAGE PROTECTION (OVP)
The ADP2311 provides an OVP feature to protect the system
against output shorts to a higher voltage supply or when a
strong load disconnect transient occurs.
If the feedback voltage increases to 0.7 V, the high-side MOSFET
turns off and the low-side MOSFET turns on until the negative
current limit threshold is triggered. After the negative current
limit threshold is triggered, both MOSFETs are held in the off
state until the FBx pin voltage falls to 0.63 V, at which point the
ADP2311 resumes normal operation.
UNDERVOLTAGE LOCKOUT (UVLO)
The UVLO threshold is 4.2 V with hysteresis of 0.5 V to prevent
power-on glitches on the device. When the PVIN1 or PVIN2
voltage rises above 4.2 V, Channel 1 or Channel 2 is enabled, and
the soft start period begins. When PVIN1 or PVIN2 falls below
3.7 V, Channel 1 or Channel 2 is turned off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com