Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2311ACPZ-2-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP2311ACPZ-2-R7
Description  Dual 1 A, 18 V, Synchronous Step-Down Regulator with Fail-Safe Voltage Monitoring
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2311ACPZ-2-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP2311ACPZ-2-R7 Datasheet HTML 12Page - Analog Devices ADP2311ACPZ-2-R7 Datasheet HTML 13Page - Analog Devices ADP2311ACPZ-2-R7 Datasheet HTML 14Page - Analog Devices ADP2311ACPZ-2-R7 Datasheet HTML 15Page - Analog Devices ADP2311ACPZ-2-R7 Datasheet HTML 16Page - Analog Devices ADP2311ACPZ-2-R7 Datasheet HTML 17Page - Analog Devices ADP2311ACPZ-2-R7 Datasheet HTML 18Page - Analog Devices ADP2311ACPZ-2-R7 Datasheet HTML 19Page - Analog Devices ADP2311ACPZ-2-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Data Sheet
ADP2311
Rev. B | Page 19 of 20
APPLICATION CIRCUIT
PVIN1
EN
GND
VREG
ADP2311
BST2
SW2
FB2
C7
47µF/6.3V/X7R
PGND2
L2
22µH
VM2
BST1
SW1
FB1
C5
47µF/6.3V/X7R
C6
47µF/6.3V/X7R
PGND1
PVIN2
POR
PFO
PFO
POR
VREG
R11
100kΩ
R6
100kΩ
R5
100kΩ
PFI
WDI
WDI
TIMER
C9
15nF
VREG
C3
0.1µF
VIN
15.5V
C1
10µF/25V
C8
1µF
C2
10µF/25V
R7
500kΩ
R9
500kΩ
R3
47.5kΩ
R10
66.5kΩ
R8
21.8kΩ
L1
15µH
R1
1
1.5kΩ
R2
13.7kΩ
C4
0.1µF
VOUT1
1.1V/0.6A
VOUT2
2.5V/0.4A
R4
15kΩ
RSTO
RSTO
Figure 38. Typical Application Circuit (Input Power Fail Voltage Programmed at 14.4 V/13.8 V; Channel 2 Turned Off at 5.1 V)
14.4V
VIN
PFO
VOUT1
VOUT2
13.8V
5.1V
POR
PFI
0.6V
0.575V
VM2
0.6V
0.65V
96.5%
96.5%
5.5V
95%
0.2V
853µs
WDI
(FROM PROCESSOR)
RSTO
Figure 39. Power-Up and Power-Down Sequence Based on the Circuit Shown in Figure 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com