Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5135ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP5135ACPZ-R7
Description  Triple 1800 mA Buck Regulator with Precision Enables and Power-Good Outputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5135ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP5135ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP5135ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP5135ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP5135ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP5135ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP5135ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP5135ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP5135ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP5135ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADP5135
Data Sheet
Rev. 0 | Page 8 of 24
Figure 9. BUCK3 Load Regulation Across Input Voltage,
VOUT3 = 1.2 V, PWM Mode
Figure 10. BUCK1 Efficiency vs. Load Current, Across Input Voltage,
VOUT1 = 3.3 V, Auto Mode
Figure 11. BUCK1 Efficiency vs. Load Current, Across Input Voltage,
VOUT1 = 3.3 V, PWM Mode
Figure 12. BUCK2 Efficiency vs. Load Current, Across Input Voltage,
VOUT2 = 1.8 V, Auto Mode
Figure 13. BUCK2 Efficiency vs. Load Current, Across Input Voltage,
VOUT2 = 1.8 V, PWM Mode
Figure 14. BUCK3 Efficiency vs. Load Current, Across Input Voltage,
VOUT3 = 1.2 V, Auto Mode
IOUT3 (A)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VIN3 = 3.0V
VIN3 = 3.6V
VIN3 = 4.2V
VIN3 = 5.5V
1.190
1.192
1.194
1.196
1.198
1.200
1.202
1.204
LOAD CURRENT (A)
0.001
0.01
0.1
1
10
VIN1 = 3.9V
VIN1 = 4.2V
VIN1 = 5.5V
0
10
20
30
40
50
60
70
80
90
100
LOAD CURRENT (A)
0.001
0.01
0.1
1
10
VIN1 = 3.9V
VIN1 = 4.2V
VIN1 = 5.5V
0
10
20
30
40
50
60
70
80
90
100
LOAD CURRENT (A)
0.001
0.01
0.1
1
10
VIN2 = 3.6V
VIN2 = 3.0V
VIN2 = 4.2V
VIN2 = 5.5V
0
10
20
30
40
50
60
70
80
90
100
LOAD CURRENT (A)
0.001
0.01
0.1
1
10
VIN2 = 3.6V
VIN2 = 3.0V
VIN2 = 4.2V
VIN2 = 5.5V
0
10
20
30
40
50
60
70
80
90
100
LOAD CURRENT (A)
0.001
0.01
0.1
1
10
VIN3 = 3.6V
VIN3 = 3.0V
VIN3 = 4.2V
VIN3 = 5.5V
0
10
20
30
40
50
60
70
80
90
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com