Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5135ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP5135ACPZ-R7
Description  Triple 1800 mA Buck Regulator with Precision Enables and Power-Good Outputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5135ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP5135ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP5135ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP5135ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP5135ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP5135ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP5135ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP5135ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP5135ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP5135ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADP5135
Data Sheet
Rev. 0 | Page 10 of 24
Figure 21. Typical Waveforms, VOUT2 = 1.8 V, Load Current = 50 mA,
Auto Mode
Figure 22. Typical Waveforms, VOUT3 = 1.2 V, Load Current = 50 mA,
Auto Mode
Figure 23. Typical Waveforms, VOUT1 = 3.3 V, Load Current = 50 mA,
PWM Mode
Figure 24. Typical Waveforms, VOUT2 = 1.8 V, Load Current = 50 mA,
PWM Mode
Figure 25. Typical Waveforms, VOUT3 = 1.2 V, Load Current = 50 mA,
PWM Mode
Figure 26. BUCK1 Response to Line Transient, Input Voltage from 4.5 V to
5.5 V, VOUT1 = 3.3 V, Load Current = 50 mA, PWM Mode
CH1 50mV
CH2 2.0V
CH3 500mA
M8.0µs
A CH2
2.20V
1
3
2
T 10.20%
T
ISW2
VSW2
VOUT2
CH1 50mV
CH2 2.0V
CH3 500mA
M8.0µs
A CH2
2.20V
1
3
2
T 10.20%
T
ISW3
VSW3
VOUT3
CH1 50mV
CH2 2.0V
CH3 500mA
M400ns
A CH2
2.20V
1
3
2
T 10.20%
T
ISW1
VSW1
VOUT1
CH1 50mV
CH2 2.0V
CH3 500mA
M400ns
A CH2
2.20V
1
3
2
T 10.20%
T
ISW2
VSW2
VOUT2
CH1 50mV
CH2 2.0V
CH3 500mA
M400ns
A CH2
2.20V
1
3
2
T 10.20%
T
ISW3
VSW3
VOUT3
CH2 50.0mV
CH4 2.0V
CH3 1.0V
M1ms
A CH3
5.08V
3
2
T 10.10%
T
VSW1
VIN1
VOUT1
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com