Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5135ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP5135ACPZ-R7
Description  Triple 1800 mA Buck Regulator with Precision Enables and Power-Good Outputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5135ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP5135ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP5135ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP5135ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP5135ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP5135ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP5135ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP5135ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP5135ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP5135ACPZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
ADP5135
Data Sheet
Rev. 0 | Page 22 of 24
Switching losses are associated with the current drawn by the
driver to turn on and turn off the power devices at the switching
frequency. The amount of switching power loss is given by
PSW = (CGATE_P + CGATE_N) × VIN12 × fSW
(10)
where:
CGATE_P is the P-channel MOSFET gate capacitance.
CGATE_N is the N-channel MOSFET gate capacitance.
For the ADP5135, the total of (CGATE_P + CGATE_N) is
approximately 150 pF.
The transition losses occur because the P-channel power
MOSFET cannot be turned on or off instantaneously, and the
SWx node takes some time to slew from near ground to near
VOUT1 (and from VOUT1 to ground). The amount of transition
loss (PTRAN) is calculated by
PTRAN = VIN1 × IOUT1 × (tRISE + tFALL) × fSW
(11)
where tRISE and tFALL are the rise time and the fall time,
respectively, of the switching node, SWx. For the ADP5135, the
rise and fall times of SWx are in the order of 5 ns.
If Equation 1 to Equation 11 and their associated parameters are
used for estimating the converter efficiency, note that the
equations do not describe all of the converter losses, and the
parameter values given are typical numbers. The converter
performance also depends on the choice of passive components
and board layout; therefore, include a sufficient safety margin in
the estimate.
The total power dissipation in the ADP5135 simplifies to
PD = PDBUCK1 + PDBUCK2 + PDBUCK3
(12)
JUNCTION TEMPERATURE
In cases where the board temperature, TA, is known, the
thermal resistance parameter, θJA, can be used to estimate the
junction temperature rise. TJ is calculated from TA and PD using
the formula
TJ = TA + (PD × θJA)
(13)
Refer to Table 6 for the thermal resistance values of the LFCSP
package. A very important factor to consider is that θJA is based
on a 4-layer, 4 in × 3 in, 2.5 oz copper printed circuit board
(PCB), as per JEDEC standard, and real applications may use
different sizes and layers. It is important to maximize the copper
used to remove the heat from the device. Copper exposed to air
dissipates heat better than copper used in the inner layers.
Solder the exposed pad to the ground plane with several vias.
If the case temperature can be measured, the junction
temperature is calculated by
TJ = TC + (PD × θJC)
(14)
where TC is the case temperature and θJC is the junction to case
thermal resistance provided in Table 6.
When designing an application for a particular ambient tempera-
ture range, calculate the expected ADP5135 power dissipation
(PD) due to the losses of all channels by using Equation 8 to
Equation 12. From this power calculation, the junction tempera-
ture, TJ, can be estimated using Equation 13.
The reliable operation of the converter can be achieved only
if the estimated die junction temperature of the ADP5135
(Equation 14) is less than 125°C. Reliability and mean time
between failures (MTBF) are highly affected by increasing the
junction temperature. Additional information about product
reliability can be found in the ADI Reliability Handbook at
www.analog.com/UG-311.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com