Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5135ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP5135ACPZ-R7
Description  Triple 1800 mA Buck Regulator with Precision Enables and Power-Good Outputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5135ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP5135ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP5135ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP5135ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP5135ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP5135ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP5135ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP5135ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP5135ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP5135ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADP5135
Data Sheet
Rev. 0 | Page 12 of 24
Figure 33. LFCSP PMOS RDSON vs. Input Voltage Across Temperature
Figure 34. LFCSP NMOS RDSON vs. Input Voltage Across Temperature
INPUT VOLTAGE (V)
3.0
5.5
5.0
4.5
4.0
3.5
0
300
250
200
150
100
50
TA = –40°C
TA = +25°C
TA = +85°C
TA = +125°C
INPUT VOLTAGE (V)
3.0
5.5
5.0
4.5
4.0
3.5
0
210
180
150
120
90
60
30
TA = –40°C
TA = +25°C
TA = +85°C
TA = +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com