Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5135ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP5135ACPZ-R7
Description  Triple 1800 mA Buck Regulator with Precision Enables and Power-Good Outputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5135ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP5135ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP5135ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP5135ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP5135ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP5135ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP5135ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP5135ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP5135ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP5135ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
ADP5135
Rev. 0 | Page 15 of 24
Figure 36. Regulator Sequencing on the ADP5135, Showing Precision Enable (PE) Thresholds, with Power Good
BUCK REGULATORS: BUCK1, BUCK2, AND BUCK3
The buck regulators use a fixed frequency and high speed
current mode architecture. The buck operates with an input
voltage of 3.0 V to 5.5 V.
The buck regulator output voltage is resistor programmable
from 0.8 V up to 3.8 V, shown in Figure 37 for BUCK1. The
ratio of R1 and R2 multiplied by the feedback voltage
determines the voltage level at the output. If, for example, R1
and R2 have equal resistance values, the output voltage is set to
1.0 V. The output voltage can optionally be factory programmed
to default values, as indicated in the Ordering Guide section. In
this event, R1 and R2 are not needed, and FB1 can be left
unconnected. In all cases, VOUT1 must be connected to the
output capacitor. FB1 is 0.5 V.
Figure 37. BUCK1 External Output Voltage Setting
Control Scheme
The buck regulators operate with a fixed frequency, current
mode PWM control architecture at medium to high loads for
high efficiency but shift to a power save mode (PSM) control
scheme at light loads to lower the regulation power losses.
When operating in fixed frequency PWM mode, the duty cycle
of the integrated switches is adjusted and regulates the output
voltage. When operating in PSM at light loads, the output
voltage is controlled in a hysteretic manner, with higher output
voltage ripple. During this time, the converter is able to stop
switching and enters an idle mode, which improves conversion
efficiency.
PWM Mode
In PWM mode, the bucks operate at a fixed frequency of 3 MHz
set by an internal oscillator. At the start of each oscillator cycle,
the PFET switch turns on, sending a positive voltage across the
inductor. Current in the inductor increases until the current
sense signal crosses the peak inductor current threshold that
turns off the PFET switch and turns on the NFET synchronous
rectifier, sending a negative voltage across the inductor and
causing the inductor current to decrease. The synchronous
rectifier stays on for the rest of the cycle. The buck regulators
regulate the output voltage by adjusting the peak inductor
current threshold.
4
2
0
4
2
0
4
2
0
4
2
0
4
2
0
4
2
0
4
2
0
4
2
0
2
1
0
1
0
1
0
1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
TIME (ms)
EN1
PE_GOOD_BUCK1
VOUT1
EN2
PE_GOOD_BUCK2
EN3
VOUT2
PE_GOOD_BUCK3
VOUT3
PG1
PG2
PG3
NOTES
1. PE_GOOD_BUCKx ARE INTERNAL SIGNALS.
BUCK1
AGND
FB1
SW1
R1
R2
VOUT1
VOUT1
VIN1
L1
1µH
C2
22µF
VOUT1 = VFB1
+ 1
R1
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com