Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP-PSRAM64 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # ESP-PSRAM64
Description  This document introduces the specifications of ESP-PSRAM64 and ESP-PSRAM64H.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ESP-PSRAM64 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button ESP-PSRAM64 Datasheet HTML 18Page - List of Unclassifed Manufacturers ESP-PSRAM64 Datasheet HTML 19Page - List of Unclassifed Manufacturers ESP-PSRAM64 Datasheet HTML 20Page - List of Unclassifed Manufacturers ESP-PSRAM64 Datasheet HTML 21Page - List of Unclassifed Manufacturers ESP-PSRAM64 Datasheet HTML 22Page - List of Unclassifed Manufacturers ESP-PSRAM64 Datasheet HTML 23Page - List of Unclassifed Manufacturers ESP-PSRAM64 Datasheet HTML 24Page - List of Unclassifed Manufacturers ESP-PSRAM64 Datasheet HTML 25Page - List of Unclassifed Manufacturers ESP-PSRAM64 Datasheet HTML 26Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
"
10. Electrical Specifications
10.5. AC Electrical Characteristics
Table 10-5. Read/Write Timing
Symbol
Parameter
Min
Max
Unit
Notes
t
CLK
CLK period—SPI Read (’h03)
30.3
-
ns
33 MHz
CLK period—all other operations
7
133/144 MHz*
t
CH
/t
CL
Clock high/low width
0.45
0.55
t
CLK
(min)
-
tKHKL
Clock rise or fall time
-
1.5
ns
-
tCPH
CE# HIGH between subsequent burst
operations
50
-
ns
-
t
CEM
CE# low pulse width
-
8
μs
-
t
CSP
CE# setup time to CLK rising edge
2.5
-
ns
-
tCHD
CE# hold time from CLK rising edge
20
-
-
tSP
Setup time to active CLK edge
2
-
-
t
HD
Hold time from active CLK edge
2
-
-
t
HZ
Chip disable to DQ output height-Z
-
6
-
t
ACLK
CLK to output delay
2
6
-
t
KOH
Data hold time from clock falling edge
1.5
-
-
���� Note*:
1. Only Linear Burst allows page boundary crossing. Frequency limits are therefore
• 133/144 MHz MAX. without crossing page boundaries, and
• 84 MHz MAX. when burst commands cross page boundaries.
2. For ESP-PSRAM64, the maximum frequency is 144 MHz, while for ESP-PSRAM64H, it is 133 MHz.
3. For operating frequencies > 84 MHz, refer to JEDEC JESD84-B50 for data sampling training.
Espressif Systems
" /"
2018.06
19 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com