Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP-PSRAM64 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # ESP-PSRAM64
Description  This document introduces the specifications of ESP-PSRAM64 and ESP-PSRAM64H.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ESP-PSRAM64 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ESP-PSRAM64 Datasheet HTML 9Page - List of Unclassifed Manufacturers ESP-PSRAM64 Datasheet HTML 10Page - List of Unclassifed Manufacturers ESP-PSRAM64 Datasheet HTML 11Page - List of Unclassifed Manufacturers ESP-PSRAM64 Datasheet HTML 12Page - List of Unclassifed Manufacturers ESP-PSRAM64 Datasheet HTML 13Page - List of Unclassifed Manufacturers ESP-PSRAM64 Datasheet HTML 14Page - List of Unclassifed Manufacturers ESP-PSRAM64 Datasheet HTML 15Page - List of Unclassifed Manufacturers ESP-PSRAM64 Datasheet HTML 16Page - List of Unclassifed Manufacturers ESP-PSRAM64 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
"
6. SPI Mode Operations
6.
SPI Mode Operations
The device enters SPI mode on power-up by default, but this can also be switched into QPI mode.
6.1. SPI Read Operations
For all reads, data will be available after tACLK following the falling edge of CLK. SPI reads can be
done in three ways:
• ‘h03: Serial CMD, Serial I/O, low frequency, configurable in linear or burst 32-byte wrap mode.
• ‘h0B: Serial CMD, Serial I/O, high frequency, configurable in 32/1K-byte burst wrap mode.
• ‘hEB: Serial CMD, Quad I/O, high frequency, configurable in 32/1K-byte burst wrap mode.
"
Figure 6-1. SPI Read ‘h03 (Max frequency: 33 MHz)
!
Figure 6-2. SPI Fast Read ‘h0B (Max frequency: 104 MHz)
Espressif Systems
" /"
2018.06
9 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com