Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP-PSRAM64 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ESP-PSRAM64
Description  This document introduces the specifications of ESP-PSRAM64 and ESP-PSRAM64H.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ESP-PSRAM64 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ESP-PSRAM64 Datasheet HTML 4Page - List of Unclassifed Manufacturers ESP-PSRAM64 Datasheet HTML 5Page - List of Unclassifed Manufacturers ESP-PSRAM64 Datasheet HTML 6Page - List of Unclassifed Manufacturers ESP-PSRAM64 Datasheet HTML 7Page - List of Unclassifed Manufacturers ESP-PSRAM64 Datasheet HTML 8Page - List of Unclassifed Manufacturers ESP-PSRAM64 Datasheet HTML 9Page - List of Unclassifed Manufacturers ESP-PSRAM64 Datasheet HTML 10Page - List of Unclassifed Manufacturers ESP-PSRAM64 Datasheet HTML 11Page - List of Unclassifed Manufacturers ESP-PSRAM64 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
"
4. Wrap Boundary Toggle Operation
4. Wrap Boundary Toggle Operation
The Wrap Boundary Toggle Operation allows the device to switch between the linear burst mode
(CA[9:0]) and the 32-byte wrap mode (CA[4:0]). The default setting is Linear Burst.
A Linear Burst allows the device to cross page boundaries . Page boundary crossing is invisible to
the memory controller and limited to the max CLK frequency of 84 MHz. Table 4-1 shows an ex-
ample of the byte sequence in both modes.
"
Figure 4-1. SPI Wrap Boundary Toggle ‘hC0
"
Figure 4-2. QPI Wrap Boundary Toggle ‘hC0
Espressif Systems
" /"
2018.06
4 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com