Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP-PSRAM64 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ESP-PSRAM64
Description  This document introduces the specifications of ESP-PSRAM64 and ESP-PSRAM64H.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ESP-PSRAM64 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ESP-PSRAM64 Datasheet HTML 2Page - List of Unclassifed Manufacturers ESP-PSRAM64 Datasheet HTML 3Page - List of Unclassifed Manufacturers ESP-PSRAM64 Datasheet HTML 4Page - List of Unclassifed Manufacturers ESP-PSRAM64 Datasheet HTML 5Page - List of Unclassifed Manufacturers ESP-PSRAM64 Datasheet HTML 6Page - List of Unclassifed Manufacturers ESP-PSRAM64 Datasheet HTML 7Page - List of Unclassifed Manufacturers ESP-PSRAM64 Datasheet HTML 8Page - List of Unclassifed Manufacturers ESP-PSRAM64 Datasheet HTML 9Page - List of Unclassifed Manufacturers ESP-PSRAM64 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
"
2. Pin Description
2.
Pin Description
Figure 2-1 shows the pin layout of ESP-PSRAM64 and ESP-PSRAM64H.
"
Figure 2-1. Pin Layout of ESP-PSRAM64 and ESP-PSRAM64H
Table 2-1. Signals Table
Pin
Signal
Type
SPI Mode Function
QPI Mode Function
VCC
Power
Core supply, 1.8V for ESP-PSRAM64, 3.3V for ESP-PSRAM64H.
Vss
Ground
Core supply ground
CE#
Input
Chip select signal, active low. When CE#=1, the chip is in standby state.
CLK
Input
Clock signal
SI/SIO[0]
I/O
Serial input
I/O[0]
SO/SIO[1] I/O
Serial output
I/O[1]
SIO[2]
I/O
-
I/O[2]
SIO[3]
I/O
-
I/O[3]
Espressif Systems
" /"
2018.06
2 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com