Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP-PSRAM64 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ESP-PSRAM64
Description  This document introduces the specifications of ESP-PSRAM64 and ESP-PSRAM64H.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ESP-PSRAM64 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ESP-PSRAM64 Datasheet HTML 3Page - List of Unclassifed Manufacturers ESP-PSRAM64 Datasheet HTML 4Page - List of Unclassifed Manufacturers ESP-PSRAM64 Datasheet HTML 5Page - List of Unclassifed Manufacturers ESP-PSRAM64 Datasheet HTML 6Page - List of Unclassifed Manufacturers ESP-PSRAM64 Datasheet HTML 7Page - List of Unclassifed Manufacturers ESP-PSRAM64 Datasheet HTML 8Page - List of Unclassifed Manufacturers ESP-PSRAM64 Datasheet HTML 9Page - List of Unclassifed Manufacturers ESP-PSRAM64 Datasheet HTML 10Page - List of Unclassifed Manufacturers ESP-PSRAM64 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
"
3. Power-up Initialization
3.
Power-up Initialization
SPI/QPI products include an on-chip voltage sensor which activates the self-initialization process.
When Vcc reaches a stable level at or above the minimum Vcc, the device will need 150 μs and a
user-issued reset operation (see Section 8) to complete its self-initialization process. From the be-
ginning of power ramp to the end of the 150-μs period, CLK should remain low, CE# should re-
main high (to track Vcc within 200 mV) and SI/SO/SIO[3:0] should remain low.
After the 150-μs period, the device will be ready for normal operation.
"
Figure 3-1. Power-up Initialization Timing
Espressif Systems
" /"
2018.06
3 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com