Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDB8164B4PT-1DITF-R Datasheet(PDF) 42 Page - Micron Technology

Part # EDB8164B4PT-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDB8164B4PT-1DITF-R Datasheet(HTML) 42 Page - Micron Technology

Back Button EDB8164B4PT-1DITF-R Datasheet HTML 38Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 39Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 40Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 41Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 42Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 43Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 44Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 45Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 46Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 152 page
background image
Table 43: Reserved Mode Registers
Mode Reg-
ister
MA
Address
Restriction
OP7
OP6
OP5
OP4
OP3
OP2
OP1
OP0
MR[18:19]
MA[7:0]
12h–13h
RFU
Reserved
MR[20:31]
14h–1Fh
NVM1
MR[33:39]
21h–27h
DNU1
MR[41:47]
29h–2Fh
MR[48:62]
30h–3Eh
RFU
MR[64:126]
40h–7Eh
RFU
MR127
7Fh
DNU
MR[128:190]
80h–BEh
RVU1
MR191
BFh
DNU
MR[192:254]
C0h–FEh
RVU
MR255
FFh
DNU
Note:
1. NVM = nonvolatile memory use only; DNU = Do not use; RVU = Reserved for vendor use.
Table 44: MR32 DQ Calibration Pattern A (MA[7:0] = 20H)
MR32 Reads
Reads to MR32 return DQ Calibration Pattern A
Table 45: MR40 DQ Calibration Pattern B (MA[7:0] = 28H)
MR40 Reads
Reads to MR40 return DQ Calibration Pattern B
Table 46: MR63 RESET (MA[7:0] = 3Fh) – MRW Only
OP7
OP6
OP5
OP4
OP3
OP2
OP1
OP0
X
Note:
1. For additional information on MRW RESET see MODE REGISTER WRITE Command.
Commands and Timing
The setup and hold timings shown in the figures below apply for all commands.
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
Commands and Timing
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
42
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com