Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDB8164B4PT-1DITF-R Datasheet(PDF) 80 Page - Micron Technology

Part # EDB8164B4PT-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDB8164B4PT-1DITF-R Datasheet(HTML) 80 Page - Micron Technology

Back Button EDB8164B4PT-1DITF-R Datasheet HTML 76Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 77Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 78Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 79Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 80Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 81Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 82Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 83Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 84Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 152 page
background image
Figure 52: Temperature Sensor Timing
Host MR4 READ
Device
Temp
Margin
MR4
Trip Level
2°C
MR4 = 0x03
MRR MR4 = 0x03
MRR MR4 = 0x86
tTSI
< (tTSI + ReadInterval + SysRespDelay)
ReadInterval
SysRespDelay
MR4 = 0x86
MR4 = 0x86
MR4 = 0x86
MR4 = 0x06
Time
Temp
TempGradient
Temperture sensor update
DQ Calibration
The mobile LPDDR2 device features a DQ calibration function that outputs one of two
predefined system timing calibration patterns. For a x16 device, pattern A (MRR to
MRR32), and pattern B (MRR to MRR40), will return the specified pattern on DQ0 and
DQ8; a x32 device returns the specified pattern on DQ0, DQ8, DQ16, and DQ24.
For a x16 device, DQ[7:1] and DQ[15:9] drive the same information as DQ0 during the
MRR burst. For a x32 device, DQ[7:1], DQ[15:9], DQ[23:17], and DQ[31:25] drive the
same information as DQ0 during the MRR burst. MRR DQ calibration commands can
occur only in the idle state.
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
MODE REGISTER READ
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
80
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com