Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDB8164B4PT-1DITF-R Datasheet(PDF) 79 Page - Micron Technology

Part # EDB8164B4PT-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDB8164B4PT-1DITF-R Datasheet(HTML) 79 Page - Micron Technology

Back Button EDB8164B4PT-1DITF-R Datasheet HTML 75Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 76Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 77Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 78Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 79Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 80Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 81Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 82Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 83Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 152 page
background image
Table 51: Temperature Sensor Definitions and Operating Conditions
Parameter
Description
Symbol
Min/Max
Value
Unit
System temperature
gradient
Maximum temperature gradient experi-
enced by the memory device at the temper-
ature of interest over a range of 2˚C
TempGradient
MAX
System-dependent
˚C/s
MR4 READ interval
Time period between MR4 READs from the
system
ReadInterval
MAX
System-dependent
ms
Temperature sensor
interval
Maximum delay between internal updates
of MR4
tTSI
MAX
32
ms
System response
delay
Maximum response time from an MR4 READ
to the system response
SysRespDelay
MAX
System-dependent
ms
Device temperature
margin
Margin above maximum temperature to
support controller response
TempMargin
MAX
2
˚C
The mobile LPDDR2 device accommodates the temperature margin between the point
at which the device temperature enters the extended temperature range and the point
at which the controller reconfigures the system accordingly. To determine the required
MR4 polling frequency, the system must use the maximum TempGradient and the max-
imum response time of the system according to the following equation:
TempGradient × (ReadInterval + tTSI + SysRespDelay) ≤ 2°C
For example, if TempGradient is 10˚C/s and the SysRespDelay is 1ms:
10°C
s
× (ReadInterval + 32ms + 1ms) ≤ 2°C
In this case, ReadInterval must not exceed 167ms.
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
MODE REGISTER READ
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
79
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com