Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDB8164B4PT-1DITF-R Datasheet(PDF) 82 Page - Micron Technology

Part # EDB8164B4PT-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDB8164B4PT-1DITF-R Datasheet(HTML) 82 Page - Micron Technology

Back Button EDB8164B4PT-1DITF-R Datasheet HTML 78Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 79Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 80Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 81Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 82Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 83Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 84Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 85Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 86Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 152 page
background image
Table 52: Data Calibration Pattern Description
Pattern
MR#
Bit Time
0
Bit Time
1
Bit Time
2
Bit Time
3
Description
Pattern A
MR32
1
0
1
0
Reads to MR32 return DQ calibration pattern A
Pattern B
MR40
0
0
1
1
Reads to MR40 return DQ calibration pattern B
MODE REGISTER WRITE Command
The MODE REGISTER WRITE (MRW) command is used to write configuration data to
the mode registers. The MRW command is initiated with CS_n LOW, CA0 LOW, CA1
LOW, CA2 LOW, and CA3 LOW at the rising edge of the clock. The mode register is selec-
ted by CA1f–CA0f, CA9r–CA4r. The data to be written to the mode register is contained
in CA9f–CA2f. The MRW command period is defined by tMRW. A MRW command to
read-only registers has no impact on the functionality of the device.
MRW can be issued only when all banks are in the idle precharge state. One method of
ensuring that the banks are in this state is to issue a PRECHARGE ALL command.
Figure 54: MODE REGISTER WRITE Timing – RL = 3, tMRW = 5
Notes:
1. At time Ty, the device is in the idle state.
2. Only the NOP command is supported during tMRW.
Table 53: Truth Table for MRR and MRW
Current State
Command
Intermediate State
Next State
All banks idle
MRR
Reading mode register, all banks idle
All banks idle
MRW
Writing mode register, all banks idle
All banks idle
MRW (RESET)
Resetting, device auto initialization
All banks idle
Bank(s) active
MRR
Reading mode register, bank(s) active
Bank(s) active
MRW
Not allowed
Not allowed
MRW (RESET)
Not allowed
Not allowed
MRW RESET Command
The MRW RESET command brings the device to the device auto initialization (reset-
ting) state in the power-on initialization sequence (see step 2. of the RESET Command
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
MODE REGISTER WRITE Command
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
82
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com