Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDB8164B4PT-1DITF-R Datasheet(PDF) 67 Page - Micron Technology

Part # EDB8164B4PT-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDB8164B4PT-1DITF-R Datasheet(HTML) 67 Page - Micron Technology

Back Button EDB8164B4PT-1DITF-R Datasheet HTML 63Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 64Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 65Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 66Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 67Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 68Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 69Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 70Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 71Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 152 page
background image
Figure 41: tSRF Definition
Example A
1
CKE
Example B
2
CKE
Example C
3
CKE
Example D
4
CKE
tSRF
tSRF
tREFW
tSRF2
tSRF1
tSRF
Exit self refresh mode
Enter self refresh mode
Exit self refresh mode
Enter self refresh mode
Exit self refresh mode
Enter self refresh mode
Exit self refresh mode
Enter self refresh mode
Exit self refresh mode
tREFW
tREFW
tREFW
Notes:
1. Time in self refresh mode is fully enclosed in the refresh window (tREFW).
2. At self refresh entry.
3. At self refresh exit.
4. Several intervals in self refresh during one tREFW interval. In this example, tSRF = tSRF1 +
tSRF2.
The mobile LPDDR2 device provides significant flexibility in scheduling a REFRESH
command as long as the required boundary conditions are met (see the tSRF Definition
figure).
In the most straightforward implementations, a REFRESH command should be sched-
uled every tREFI. In this case, self refresh can be entered at any time.
Users may choose to deviate from this regular refresh pattern, for instance, to enable a
period in which no refresh is required. As an example, using a 1Gb LPDDR2 device, the
user can choose to issue a refresh burst of 4096 REFRESH commands at the maximum
supported rate (limited by tREFBW), followed by an extended period without issuing
any REFRESH commands, until the refresh window is complete. The maximum suppor-
ted time without REFRESH commands is calculated as follows: tREFW - (R/8) × tREFBW
= tREFW - R × 4 × tRFCab.
For example, a 1Gb device at TC ≤ 85˚C can be operated without a refresh for up to 32ms
- 4096 × 4 × 130ns ≈ 30ms.
Both the regular and the burst/pause patterns can satisfy refresh requirements if they
are repeated in every 32ms window. It is critical to satisfy the refresh requirement in
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
REFRESH Command
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
67
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com