Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDB8164B4PT-1DITF-R Datasheet(PDF) 117 Page - Micron Technology

Part # EDB8164B4PT-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDB8164B4PT-1DITF-R Datasheet(HTML) 117 Page - Micron Technology

Back Button EDB8164B4PT-1DITF-R Datasheet HTML 113Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 114Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 115Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 116Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 117Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 118Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 119Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 120Page - Micron Technology EDB8164B4PT-1DITF-R Datasheet HTML 121Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 152 page
background image
Table 76: Single-Ended AC and DC Output Levels (Continued)
Symbol
Parameter
Value
Unit Notes
MMpupd
Delta output impedance between pull-up and pull-
down for DQ/DM
MIN
–15
%
MAX
+15
%
Notes:
1. IOH = –0.1mA.
2. IOL = 0.1mA.
Table 77: Differential AC and DC Output Levels
Symbol
Parameter
Value
Unit
VOHdiff(AC) AC differential output HIGH measurement level (for output SR)
+ 0.2 x VDDQ
V
VOLdiff(AC)
AC differential output LOW measurement level (for output SR)
- 0.2 x VDDQ
V
Single-Ended Output Slew Rate
With the reference load for timing measurements, the output slew rate for falling and
rising edges is defined and measured between VOL(AC) and VOH(AC) for single-ended
signals.
Table 78: Single-Ended Output Slew Rate Definition
Description
Measured
Defined by
From
To
Single-ended output slew rate for rising edge
VOL(AC)
VOH(AC)
[VOH(AC) - VOL(AC)ΔTRSE
Single-ended output slew rate for falling edge
VOH(AC)
VOL(AC)
[VOH(AC) - VOL(AC)ΔTFSE
Note:
1. Output slew rate is verified by design and characterization and may not be subject to
production testing.
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
Output Characteristics and Operating Conditions
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
117
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com