Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8VK-R10 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # S8VK-R10
Description  Contribute to build high reliable systems Compact and Cost-effective solution for Back-up applications Easy setup for system reliability requirement
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8VK-R10 Datasheet(HTML) 1 Page - Omron Electronics LLC

  S8VK-R10 Datasheet HTML 1Page - Omron Electronics LLC S8VK-R10 Datasheet HTML 2Page - Omron Electronics LLC S8VK-R10 Datasheet HTML 3Page - Omron Electronics LLC S8VK-R10 Datasheet HTML 4Page - Omron Electronics LLC S8VK-R10 Datasheet HTML 5Page - Omron Electronics LLC S8VK-R10 Datasheet HTML 6Page - Omron Electronics LLC S8VK-R10 Datasheet HTML 7Page - Omron Electronics LLC S8VK-R10 Datasheet HTML 8Page - Omron Electronics LLC S8VK-R10 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
New Product
Redundancy Unit
S8VK-R
Contribute to build high reliable systems
Compact and Cost-effective solution
for Back-up applications
Easy setup for system reliability
requirement
• Redundancy operating LED for the status confirmation
• A signal output for failure detection of power supplies
• By adjusting the power supply voltage to light up Balance LED,
the lifetime of power supplies will be more than twice.
*1
• Wide range input
DC5-30V (S8VK-R10), DC10-60V (S8VK-R20)
• Wide operation temperature range: -40 to 70 °C
• Safety standards:
UL508/60950-1, CSA C22.2 No. 107.1/60950-1
EN50178, EN60950-1 Lloyd's standards
*2
• EMS: EN61000-6-2
EMI: EN61000-6-3
•
5 year warranty *3
*1. The lifetime will depend on the connected power supply.
Refer to Functions on page 5.
*2. Scheduled to obtain certification in September, 2013.
*3.
Five-year warranty conditions: Rated input voltage, 80% load, Ambient operating temperature: 40°C, Standard mounting.
Model Number Structure
Model Number Legend
Note: Not all combinations are possible. Refer to List of Models in Ordering Information, below.
Ordering Information
Note: For details on normal stock models, contact your nearest OMRON representative.
!
Refer to Safety Precautions for All Power Supplies and Safety
Precautions on page 9.
Input voltage
Output current
Model number
DC5-30V
10 A
S8VK-R10
DC10-60V
20 A
S8VK-R20
1
S8VK-R
@@
1. Output current
10: 10 A
20: 20 A


Similar Part No. - S8VK-R10

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
Switch Mode Power Supply
S8VK-C06024 OMRON-S8VK-C06024 Datasheet
4Mb / 20P
Switch Mode Power Supply
S8VK-C12024 OMRON-S8VK-C12024 Datasheet
4Mb / 20P
Switch Mode Power Supply
S8VK-C24024 OMRON-S8VK-C24024 Datasheet
4Mb / 20P
Switch Mode Power Supply
S8VK-C48024 OMRON-S8VK-C48024 Datasheet
4Mb / 20P
Switch Mode Power Supply
More results

Similar Description - S8VK-R10

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
NA-820L AXIOMTEK-NA-820L Datasheet
159Kb / 1P
High performance and cost-effective solution
logo
Inchange Semiconductor ...
BUZ215 ISC-BUZ215 Datasheet
65Kb / 2P
Easy driver for cost effective application
BUZ216 ISC-BUZ216 Datasheet
65Kb / 2P
Easy driver for cost effective application
BUZ305 ISC-BUZ305 Datasheet
65Kb / 2P
Easy driver for cost effective application
BUZ307 ISC-BUZ307 Datasheet
65Kb / 2P
Easy driver for cost effective application
BUZ308 ISC-BUZ308 Datasheet
65Kb / 2P
Easy driver for cost effective application
BUZ326 ISC-BUZ326 Datasheet
65Kb / 2P
Easy driver for cost effective application
BUZ77A ISC-BUZ77A Datasheet
66Kb / 2P
Easy driver for cost effective application
BUZ77B ISC-BUZ77B Datasheet
66Kb / 2P
Easy driver for cost effective application
BUZ93 ISC-BUZ93 Datasheet
65Kb / 2P
Easy driver for cost effective application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com