Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8VK-R10 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # S8VK-R10
Description  Contribute to build high reliable systems Compact and Cost-effective solution for Back-up applications Easy setup for system reliability requirement
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8VK-R10 Datasheet(HTML) 2 Page - Omron Electronics LLC

  S8VK-R10 Datasheet HTML 1Page - Omron Electronics LLC S8VK-R10 Datasheet HTML 2Page - Omron Electronics LLC S8VK-R10 Datasheet HTML 3Page - Omron Electronics LLC S8VK-R10 Datasheet HTML 4Page - Omron Electronics LLC S8VK-R10 Datasheet HTML 5Page - Omron Electronics LLC S8VK-R10 Datasheet HTML 6Page - Omron Electronics LLC S8VK-R10 Datasheet HTML 7Page - Omron Electronics LLC S8VK-R10 Datasheet HTML 8Page - Omron Electronics LLC S8VK-R10 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
S8VK-R
2
Specifications
Ratings, Characteristics, and Functions
* Scheduled to obtain certification in September, 2013.
Item
Output Current
10 A
20 A
Input
Voltage
5 to 30 VDC
10 to 60 VDC
Current
2x 0 to 5 A
2x 0 to 10 A
1x 0 to 10 A
1x 0 to 20 A
Output
Current
Continuous
10 A
20 A
Power Boost
12 A (Refer to Engineering Data)
24 A (Refer to Engineering Data)
Voltage
drop
Input to Output
0.56 V typ. 2x5 A
0.63 V typ. 1x10 A
0.7 V max. (-40°C 1x10 A)
0.67 V typ. 2x10 A
0.78 V typ. 1x20 A
0.9 V max. (-40°C 1x20 A)
Power
losses
6.5 W 2x5 A
7.1 W 1x10 A
0.8 W 0 A
15.8 W 2x10 A
18.0 W 1x20 A
0.8 W 0 A
Additional
functions
REDUNDANCY
OK
Indicator
Lighting: Voltage difference between Vin1 and Vin2 is less than 2.4 V typ. (color: green)
Contact
Photo switch contact ON: Voltage difference between Vin1 and Vin2 is less than 2.4 V typ.
Contact Ratings: 30 VDC, 50 mA
BALANCE
Indicator
Lighting: Voltage difference between Vin1 and Vin2 is less than 50 mV typ. (color: green)
Others
Ambient operating temperature
-40 to 70°C (Refer to Engineering Data)
Storage temperature
-40 to 85°C
Ambient operating humidity
0% to 95% (Storage humidity: 0% to 95%)
Dielectric strength
(detection current: 20 mA)
1.0 kVAC for 1 min. (between all inputs outputs and
terminal)
0.5 kVAC for 1 min. (between all inputs outputs and Signal contact)
Vibration resistance
10 to 55 Hz, 0.375-mm single amplitude for 2 h each in X, Y, and Z directions
10 to 150 Hz, 0.35-mm single amplitude (5 G max.) for 80 min each in X, Y, and Z directions
Shock resistance
150 m/s2, 3 times each in
±X, ±Y, and ±Z directions
EMI
Conducted
Emission
Conforms to EN61204-3 EN55011 Class B and based on FCC Class B
Radiated
Emission
Conforms to EN61204-3 EN55011 Class B
EMS
Conforms to EN61000-6-2
Approved Standards
UL Listed: UL508 (Listing)
UL UR: UL60950-1 (Recognition)
cUL: CSA C22.2 No.107.1
cUR: CSA C22.2 No.60950-1
EN: EN50178, EN60950-1
Lloyd's standards
*
Degree of protection
IP20 by EN/IEC60529
Weight
183 g
462 g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com