Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8VK-R10 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # S8VK-R10
Description  Contribute to build high reliable systems Compact and Cost-effective solution for Back-up applications Easy setup for system reliability requirement
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8VK-R10 Datasheet(HTML) 3 Page - Omron Electronics LLC

  S8VK-R10 Datasheet HTML 1Page - Omron Electronics LLC S8VK-R10 Datasheet HTML 2Page - Omron Electronics LLC S8VK-R10 Datasheet HTML 3Page - Omron Electronics LLC S8VK-R10 Datasheet HTML 4Page - Omron Electronics LLC S8VK-R10 Datasheet HTML 5Page - Omron Electronics LLC S8VK-R10 Datasheet HTML 6Page - Omron Electronics LLC S8VK-R10 Datasheet HTML 7Page - Omron Electronics LLC S8VK-R10 Datasheet HTML 8Page - Omron Electronics LLC S8VK-R10 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
S8VK-R
3
Connections
Block Diagrams
Construction and Nomenclature
Nomenclature
10 A Models
20 A Models
S8VK-R10
S8VK-R20
No.
Name
Function
1
Input terminal 1
Connect the input 1 lines to these terminals.
2
Input terminal 2
Connect the input 2 lines to these terminals.
3
terminal
Connect the ground line to these terminals.
4
Output terminal
Connect the load lines to these terminals.
5
Status indicator (redundancy OK: Green)
Lighting: Voltage difference between Vin1 and Vin2 is less than 2.4 V typ.
6
Status indicator (voltage balance: Green)
Lighting: Voltage difference between Vin1 and Vin2 is less than 50 mV typ.
7
Status contact (redundancy OK: photo switch)
Photo switch contact ON: Voltage difference between Vin1 and Vin2 is less than 2.4 V typ.
R10 20A
R20 40A
fuse:
R10 20A
R20 40A
fuse:
+V
+V
+V
IN 1
-V
+V
IN 2
-V
-V
-V
Detection
circuit
OUTPUT
REDUNDANCY
OK
Frame landing
Only R20.
3
2
6
5
4
7
1
3
2
6
5
4
7
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com