Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8VK-R10 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # S8VK-R10
Description  Contribute to build high reliable systems Compact and Cost-effective solution for Back-up applications Easy setup for system reliability requirement
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8VK-R10 Datasheet(HTML) 5 Page - Omron Electronics LLC

  S8VK-R10 Datasheet HTML 1Page - Omron Electronics LLC S8VK-R10 Datasheet HTML 2Page - Omron Electronics LLC S8VK-R10 Datasheet HTML 3Page - Omron Electronics LLC S8VK-R10 Datasheet HTML 4Page - Omron Electronics LLC S8VK-R10 Datasheet HTML 5Page - Omron Electronics LLC S8VK-R10 Datasheet HTML 6Page - Omron Electronics LLC S8VK-R10 Datasheet HTML 7Page - Omron Electronics LLC S8VK-R10 Datasheet HTML 8Page - Omron Electronics LLC S8VK-R10 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
S8VK-R
5
Functions
Functions
Status Functions
Reference Value
Status
Output
Display
Redundancy
Relay switch output: OFF
(Normally ON)
Green
Voltage Balance
---
Green
Functions
Operation
Redundancy Status
(Refer to Chart 1.)
Redundancy OK signal and LED will turn ON and light up when the input voltage difference is 2.4 V typ or less.
The signal and LED will detect the failure of a power supply on one side, or connecting errors of power supply
voltage.
Voltage Balance Status
(Refer to Chart 1.)
Balance LED will light up when the input voltage difference is 50 mV typ or less.
By adjusting the input voltage to light up LED, output current of each power supply will be balanced.
The lifetime as a power supply system will be more than twice comparing when there is only one power supply.
Applicable models: S8VK-G03005, S8VK-G06012, S8VK-G12024, S8VK-G240
@@, S8VK-G480@@
By adjusting the input voltage to light up LED, the fluctuation of the output voltage will be less when one of the
power supply breaks.
Chart 1: Operation Timing
Reliability (MTBF)
Value
S8VK-R10: 720,000 hrs.
S8VK-R20: 680,000 hrs.
Definition
MTBF stands for Mean Time Between Failures, which is calculated according to the probability of accidental device
failures, and indicates reliability of devices.
Therefore, it does not necessarily represent a life of the product.
Life expectancy
10 yrs. Min.
Definition
The life expectancy indicates average operating hours under the ambient temperature of 40°C and a load rate of 50%.
Normally this is determined by the life expectancy of the built-in aluminum electrolytic capacitor.
Vin
Vin+0.05
Vin+2.4
Vin+1.2
Vin+0.05
Vin-1.2
Vin-0.05
Vin-0.05
Vin-2.4
Vin+1.2
Vin-0.05
Vin+0.05
Vin+2.4
Vin-0.05
Vin+0.05
Vin
Vin-1.2
Vin-2.4
LED: Lighting
Photo switch: ON
LED: Lighting
Vin1 (UNIT: V)
Vin2 (UNIT: V)
REDUNDANCY OK
BALANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com