Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8VK-R10 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # S8VK-R10
Description  Contribute to build high reliable systems Compact and Cost-effective solution for Back-up applications Easy setup for system reliability requirement
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8VK-R10 Datasheet(HTML) 4 Page - Omron Electronics LLC

  S8VK-R10 Datasheet HTML 1Page - Omron Electronics LLC S8VK-R10 Datasheet HTML 2Page - Omron Electronics LLC S8VK-R10 Datasheet HTML 3Page - Omron Electronics LLC S8VK-R10 Datasheet HTML 4Page - Omron Electronics LLC S8VK-R10 Datasheet HTML 5Page - Omron Electronics LLC S8VK-R10 Datasheet HTML 6Page - Omron Electronics LLC S8VK-R10 Datasheet HTML 7Page - Omron Electronics LLC S8VK-R10 Datasheet HTML 8Page - Omron Electronics LLC S8VK-R10 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
S8VK-R
4
Engineering Data
Derating Curve
Mounting
Combinations with the S8VK-G
Power Boost Function
This function is possible when used in combination with S8VK-G (All
Models).
Power Boost is a function that can output the temporary repeated
boost current larger than the rated current.
However, it should meet the following four Boost current conditions.
1. Time that the boost current flows: t1
2. The maximum value of the boost current: lp
3. The average output current: lave
4. The time ratio of the boost current flow: Duty
Note: Boost current conditions
• Do not allow the boost current to continue for more than 10
seconds.
Also, do not let the duty cycle exceed the boost current conditions.
These conditions may damage the Power supply.
• Ensure that the average current of one cycle of the boost current
does not exceed the rated output current.
This may damage the Power Supply.
• Lessen the load of the boost load current by adjusting the ambient
temperature and the mounting direction.
Power supply
model
Redundant unit model
Redundancy
Higher capasity
S8VK-G015
@@
S8VK-R10
S8VK-R10
S8VK-G030
@@
S8VK-G060
@@
S8VK-G12024
S8VK-G24024
S8VK-R20
S8VK-G24048
S8VK-R20
S8VK-G48024
S8VK-G48048
Ambient temperature (°C)
A
B
C
−40 −25 −10 0 10 20 30 40 50 60 70 80
120
100
80
60
40
20
0
A: Standard mounting
B: Standard mounting, when contact mounted with S8VK-G
60°C and over: the derating is 2.5%/°C (when contact mounted
with S8VK-G)
C: Face-up mounting
50°C and over: the derating is 1.25%/°C
(B) Contact Mounting
(C) Face-up mounting
(A) Standard (Vertical) mounting
S8VK-R
POWER SUPPLY
(S8VK-G)
[A]
Ip: Boost current
Rated current
lave: Average current
t2
t1
• t1
• Ip
• lave
≤ 10 s
≤ Rated boost current
≤ Rated current
Duty=
t1 + t2
t1
× 100 [%]
≤ 30%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com