Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32G4TR Datasheet(PDF) 19 Page - STMicroelectronics

Part # STSPIN32G4TR
Description  High performance 3-phase motor controller with embedded STM32G4 MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32G4TR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STSPIN32G4TR Datasheet HTML 15Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 16Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 17Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 18Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 19Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 20Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 21Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 22Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
Figure 12. 3.3 V externally supplied (linear regulator disabled)
+
L
Buck
reg.
3.3 V
LDO
+
D1
VM
CM
COUT
VDD
CDD
5.1.2.1
Thermal shutdown
If the temperature of the device exceeds the TSD threshold, all the gate driver outputs are forced low and the 3.3
V linear regulator stops until the temperature returns below the TSD - TSD(Hyst) level (auto-restart).
The buck converter has an independent thermal protection as described in Section 5.1.1.2 .
5.1.3
Standby linear regulator
When the device is in low consumption status, the embedded MCU can be supplied through a specifically
designed linear regulator generating a VREGStby supply starting from the main supply pin VM. The regulator is
designed to provide a maximum supply current of 6 mA with overcurrent protection. If the output current exceeds
the regulator limit a reset is triggered.
The regulator output is disabled by default and should be enabled before entering standby condition (see
Section 5.4 ) setting the STBY_REG_EN bit. When the device enters standby condition, the 3.3 V LDO regulator
is disabled and disconnected from the REG3V3 pin as shown in Figure 13.
Figure 13. Standby regulator enabled
Stby
reg.
3.3 V
LDO
V
DD
CDD
CM
VM
5.2
Gate drivers
The STSPIN32G4 integrates a triple half-bridge gate driver able to drive N-channel power MOSFETs. The
high-side section is supplied by a bootstrapped voltage technique with integrated bootstrap diode.
STSPIN32G4
Gate drivers
DS13630 - Rev 1
page 19/48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com