Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32G4TR Datasheet(PDF) 33 Page - STMicroelectronics

Part # STSPIN32G4TR
Description  High performance 3-phase motor controller with embedded STM32G4 MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32G4TR Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STSPIN32G4TR Datasheet HTML 29Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 30Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 31Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 32Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 33Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 34Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 35Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 36Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
Table 25. Device STATUS register
Register
Bit #
Bit name
Default
Description
STATUS
Address 0x80
Read only
7
LOCK
Indicates if the protected registers are locked:
•
0: Unlocked
•
1: Locked
6
5
4
3
RESET
Indicates if the registers had been reset to the
default (reset command or power-up):
•
0: No reset
•
1: Reset
2
VDS_P
Indicates the VDS protection triggering:
•
0: VDS protection not triggered
•
1: VDS Protection triggered
1
THSD
Indicates the thermal shutdown status:
•
0: Device not in THSD
•
1: Device in THSD
0
VCC_UVLO
Indicates the VCC UVLO status:
•
0: Device not in VCC UVLO
•
1: Device in VCC UVLO
5.5.5.1
Command registers
CLEAR and RESET are command registers. It is only allowed to set all bits to execute the command, other values
are rejected.
In case of read the device returns 0xFF.
5.5.5.2
Read/write registers
All the registers are read and written using the I2C standard method.
5.5.5.3
Protected registers
All critical registers of the device are protected against unwanted rewriting.
When the content of the LOCK register does not fit the following condition:
LOCK= NLOCK
__________
the protected registers are read-only.
When the content fits the above condition, the protected registers can be written, and the power stage is forced
into safe condition: all the gate driver outputs are forced low.
STSPIN32G4
Control logic
DS13630 - Rev 1
page 33/48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com