Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32G4TR Datasheet(PDF) 21 Page - STMicroelectronics

Part # STSPIN32G4TR
Description  High performance 3-phase motor controller with embedded STM32G4 MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32G4TR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STSPIN32G4TR Datasheet HTML 17Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 18Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 19Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 20Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 21Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 22Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 23Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 24Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
5.2.2
Minimum deadtime
The device guarantees a minimum deadtime value of tDT, imposing a delay between the turn-off of an external
MOSFET and the turn-on of the complementary one.
The deadtime is not added to the one eventually imposed by the MCU, as shown in Figure 15.
Figure 15. Deadtime timing (with interlocking enabled)
INHx
INLx
GHSx
GLSx
tDT
tDT
tDT
tDT
tDT
tDT
tDT
The feature is disabled clearing the DTMIN bit (see Table 17) or when the interlocking is disabled (see
Section 5.2.1 ).
5.2.3
Sink/source current
The output stage of the gate drivers provides a maximum sink/source capability of 1 A.
The voltage to current characteristics of the gate driver output stage is described by Figure 26 and Figure 27.
When in UVLO condition, the gate drivers keep their outputs low with the maximum current capability available.
Figure 16. Low-side gate driver output characteristic in UVLO range
Figure 17. High-side gate driver output characteristic in UVLO range
STSPIN32G4
Gate drivers
DS13630 - Rev 1
page 21/48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com