Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32G4TR Datasheet(PDF) 35 Page - STMicroelectronics

Part # STSPIN32G4TR
Description  High performance 3-phase motor controller with embedded STM32G4 MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32G4TR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STSPIN32G4TR Datasheet HTML 31Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 32Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 33Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 34Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 35Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 36Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 37Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 38Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
7
Application example
Figure 23 shows an application example using the STSPIN32G4 device to drive a three-phase motor with triple
shunt configuration and field oriented control algorithm.
The other features implemented are:
•
VDD (3.3 V) power supply internally generated via LDO linear regulator
•
VCC (programmable, 8 V default value) power supply internally generated via Buck regulator
•
Reset dedicated pin
•
Overcurrent protection using internal comparators connected to op-amp positive inputs (PA1, PA7, PB0)
•
Current sensing using internal operational amplifiers and ADCs:
–
Op-amp 1: PA1, PA3, PA2 (OPP, OPN, OPO)
–
Op-amp 2: PA7, PC5, PA6 (OPP, OPN, OPO)
–
Op-amp 3: PB0, PB2, PB1 (OPP, OPN, OPO)
•
Bus voltage monitoring using internal ADC (PA0)
•
Application temperature monitoring using internal ADC (PC4)
Table 26. Typical application value
Part name
Value
CBAT, CREF1, CDDA1, CREG3V3_1, CRST
100 nF / 6.3 V
CREF2, CDDA2
1 μF / 6.3 V
CREG3V3_2
10 μF / 6.3 V
COUT
10 μF / 25 V
L1
18 μH / 1 A
D1
STPS1H100A / 100 V
CVM
220 nF / 100 V
CVMpol
3x 220 μF / 100 V (in parallel)
RSCREF1
22 kΩ / 1 %
RSCREF2
10 kΩ / 1 %
RRST1
100 kΩ / 5 %
RRST2
200 Ω / 5 %
RBUS1
72.3 kΩ / 1 %
RBUS2
3.01 kΩ / 1 %
CBUS,CNTC
33 nF / 6.3 V
NTC1
10 kΩ / 1 %
RNTC2
4.7 kΩ / 1 %
others
Values according to application requirements
STSPIN32G4
Application example
DS13630 - Rev 1
page 35/48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com