Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32G4TR Datasheet(PDF) 29 Page - STMicroelectronics

Part # STSPIN32G4TR
Description  High performance 3-phase motor controller with embedded STM32G4 MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32G4TR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STSPIN32G4TR Datasheet HTML 25Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 26Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 27Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 28Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 29Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 30Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 31Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 32Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
The full list of digital inputs and outputs is listed below:
Table 15. INxL and INxH inputs truth table
Signal
Type
Description
Notes
INH1
Input
High-side 1 driving signal
Pull-down
INH2
Input
High-side 2 driving signal
Pull-down
INH3
Input
High-side 3 driving signal
Pull-down
INL1
Input
Low-side 1 driving signal
Pull-down
INL2
Input
Low-side 2 driving signal
Pull-down
INL3
Input
Low-side 3 driving signal
Pull-down
WAKE
Input
Active high for wakeup from standby
Pull-down
READY
Open-drain output
Device ready signal
Conflict protection
nFAULT
Open-drain output
Fault signal
Conflict protection
SCL
Input
I2C clock
Pull-up
SDA
Input and open-drain
output
I2C data
Pull-up
Conflict protection
All the input lines have an internal pull-down to guarantee the low logic level even if no driving input is present.
The open-drain outputs are designed to be protected against driving conflict with the corresponding GPIO of the
MCU. If the GPIO is set as push-pull output with high value and the respective open-drain is on, both the GPIO
and the open-drain are not damaged by this condition.
5.5.1
Status and clearing faults
The device status is reported in the STATUS register. In case of thermal shutdown or VCC undervoltage the
device automatically returns operative when failure cause is removed.
In case of RESET or VDS monitoring protection triggering, the fault is latched, and the device may return
operative in two ways (i.e. clearing fault):
1.
Forcing all the driving inputs INxL and INxH low for at least tFAULT,reset. The time counting does not start if
inputs were already low before the fault occurrence (refer to Figure 21).
2.
Setting all bits of the CLEAR register through the I2C interface.
Figure 21. FAULT clearing via input lines
FAULT
At least one
input HIGH to LOW
All inputs
LOW
INxL / INxH
FAULT
event
tFAULT,reset
tFAULT,reset
< tFAULT,reset
As a RESET is done on power-up, a clearing of the faults is required to have the device operative.
5.5.2
READY output
The READY open-drain output indicates if the device status does not allow the driving of the external MOSFETs.
STSPIN32G4
Control logic
DS13630 - Rev 1
page 29/48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com