Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32CUBEL4 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM32CUBEL4
Description  STM32CubeL4 demonstration firmware for 32L476GDISCOVERY discovery kit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32CUBEL4 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM32CUBEL4 Datasheet HTML 8Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 9Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 10Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 11Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 12Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 13Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 14Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 15Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
Demonstration firmware package
UM1919
12/37
DocID028080 Rev 1
The demonstration sources are located in the projects folder of the STM32Cube package for
each supported board. The sources are divided into five groups described as follows:
•
Binary: demonstration binary file in Hex format
•
Config: all middleware components and HAL configuration files
•
Core: contains the kernel files
•
Modules: contains the sources files for main application top level and the application
modules.
•
Project settings: a folder per tool chain containing the project settings and the linker
files.
3.2
Demonstration architecture overview
The STM32CubeL4 demonstration firmware for 32L476GDISCOVERY discovery kit is
composed of a central kernel based on a set of firmware and hardware services offered by
the STM32Cube middleware, discovery board drivers and a set of modules mounted on the
kernel and built in a modular architecture. Each module can be reused separately in a
standalone application. The full set of modules is managed by the Kernel which provides
access to all common resources and facilitates the addition of new modules as shown in
Figure 6.
Each module should provide the following functionalities and properties:
1.
Display characteristics.
2.
The method to startup the module.
3.
The method to close down the module for low-power mode.
4.
The module application core (main module process).
5.
The specific configuration.
6.
The error management.
Figure 6. Demonstration architecture overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com