Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32CUBEL4 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM32CUBEL4
Description  STM32CubeL4 demonstration firmware for 32L476GDISCOVERY discovery kit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32CUBEL4 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM32CUBEL4 Datasheet HTML 17Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 18Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 19Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 20Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 21Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 22Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 23Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 24Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
DocID028080 Rev 1
21/37
UM1919
Demonstration functional description
36
4.4.5
Compass
Overview
The Compass module application allows to demonstrate the integration of the LSM303C
3-axis electronic compass embedded on the STM32L476G discovery board.
Figure 16. Compass application menu structure and display
Features
•
A real time display in degree of the direction versus the magnetic north
•
A calibration step is required in X/Y/Z axis to get the motion data from the application. It
consists in rotating the board by 360 degrees in all 3 axis. The calibration data are
saved in backup area.
4.4.6
Sound meter
Overview
The sound meter module demonstrates the perfect integration of a sound meter audio
library. It uses the audio recording capability of the digital microphone embedded on the
STM32L476G discovery board.
Figure 17. Sound meter application menu selection and display
Features
•
16-bits PCM data input with a sample rate at 48 kHz (mono)
•
A-weighting pre-filter
•
Real time display of the sound level every 250ms with average done every 100ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com