Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32CUBEL4 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STM32CUBEL4
Description  STM32CubeL4 demonstration firmware for 32L476GDISCOVERY discovery kit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32CUBEL4 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STM32CUBEL4 Datasheet HTML 18Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 19Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 20Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 21Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 22Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 23Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 24Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 25Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
Demonstration functional description
UM1919
22/37
DocID028080 Rev 1
4.4.7
Guitar tuner
Overview
The Guitar tuner module application allows to demonstrate the perfect integration of an
acoustic Guitar tuner audio library. It uses the audio recording capability of the digital
microphone embedded on the STM32L476G discovery board.
Figure 18. Guitar tuner application menu selection and display
Status could be any of the following display outputs:
•
“
“: audio sample invalid. Ensure that STM32L476G discovery board is close to the
guitar
•
“OK“: string in tune
•
“++“: string needs to be tightened
•
“+“: string needs to be tightened but close to be in tune
•
“--“: string is too tightened
•
“-“: string is too tightened but close to be in tune
Features
•
Standard tuning type of 6 acoustic guitar strings
•
Input 16-bits PCM data with a sample rate at 8 kHz (mono)
•
Precision lower than 0.5 Hz
•
Real time display every 256ms
The standard tuning method is based on the following expected frequencies per string:
Table 3. Frequencies per string
String 1 (Hz)
(the thickest
string)
String 2 (Hz)
String 3 (Hz)
String 4 (Hz)
String 5 (Hz)
String 6 (Hz)
(the thinnest
string)
E1 = 82.41
A1 = 110
D2 = 146.83
G2 = 196
B2 = 246.94
E3 = 329.63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com